Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 145 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 145 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 141Page - Texas Instruments DAC39RF10 Datasheet HTML 142Page - Texas Instruments DAC39RF10 Datasheet HTML 143Page - Texas Instruments DAC39RF10 Datasheet HTML 144Page - Texas Instruments DAC39RF10 Datasheet HTML 145Page - Texas Instruments DAC39RF10 Datasheet HTML 146Page - Texas Instruments DAC39RF10 Datasheet HTML 147Page - Texas Instruments DAC39RF10 Datasheet HTML 148Page - Texas Instruments DAC39RF10 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 232 page
background image
JESD204C Mode
Figure 8-12. JMODE Register
7
6
5
4
3
2
1
0
RESERVED
JMODE
R/W-00b
R/W-000000b
Table 8-13. JMODE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00b
5-0
JMODE
RW
000000b
Specify the JESD204C interface mode. See Table 7-22.
Note: This register should only be changed when JESD_EN=0.
8.12 JESD_M Register (Offset = 0102h) [reset = 01h]
JESD_M is shown in Figure 8-13 and described in Table 8-14.
Return to the Register Summary Table.
JESD204C Number of Streams
Figure 8-13. JESD_M Register
7
6
5
4
3
2
1
0
JESD_M
R/W-0h
R/W-1h
Table 8-14. JESD_M Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-0
JESD_M
R/W
1h
Specify the number of sample streams to enable (JESD204C M
parameter). The supported settings for JESD_M depend on the DUC
interpolation (DUC_L) and Mx.
LDUC: Supported Settings for JESD_M
1x: 1 or 2 (but never larger than Mx)
2x or 3x: 2 (but never larger than Mx)
4x or 6x: 2 or 4 (but never larger than Mx)
8x or higher:2, 4, 6 or 8 (but never larger than Mx)
See Table 7-22 for the Mx value associated with each JMODE. The
number of lanes enabled (L) is computed as: L=ceiling(M/Mx*Lx). An
I/Q pair counts as two streams. For example, when inputting 4 IQ
streams, program JESD_M=8.
Note: This register should only be changed when JESD_EN=0 and
DP_EN=0.
8.13 JCTRL Register (Offset = 0103h) [reset = 03h]
JCTRL is shown in Figure 8-14 and described in Table 8-15.
Return to the Register Summary Table.
JESD204C Control. This register should only be changed when JESD_EN = 0.
Figure 8-14. JCTRL Register
7
6
5
4
3
2
1
0
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
145
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com