Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 147 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 147 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 143Page - Texas Instruments DAC39RF10 Datasheet HTML 144Page - Texas Instruments DAC39RF10 Datasheet HTML 145Page - Texas Instruments DAC39RF10 Datasheet HTML 146Page - Texas Instruments DAC39RF10 Datasheet HTML 147Page - Texas Instruments DAC39RF10 Datasheet HTML 148Page - Texas Instruments DAC39RF10 Datasheet HTML 149Page - Texas Instruments DAC39RF10 Datasheet HTML 150Page - Texas Instruments DAC39RF10 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 232 page
background image
Table 8-16. SHMODE Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
SHMODE
R/W
00b
Select the mode for the 64b/66b sync word (32 bits of data per
multi-block). This only applies when JENC=1 (64b/66b mode).
0 : Enable CRC-12 checking (JESD204C Table 41) (default setting)
1 : RESERVED
2 : RESERVED
3 : RESERVED
Note: This device does not support any JESD204C command
features. All command fields are ignored by the receiver.
Note: This register should only be changed when JESD_EN=0.
8.15 KM1 Register (Offset = 0105h) [reset = 1Fh]
KM1 is shown in Figure 8-16 and described in Table 8-17.
Return to the Register Summary Table.
JESD204C K Parameter (minus 1)
Figure 8-16. KM1 Register
7
6
5
4
3
2
1
0
KM1
R/W-1Fh
Table 8-17. KM1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
KM1
R/W
1Fh
K is the number of frames per multiframe, and K-1 shall be
programmed here when using the 8b/10b link layer (see JENC).
Depending on the JMODE setting, there are constraints on the legal
values of K (see Table 7-22 and KR). Programming an illegal value
for K will cause the link to malfunction.
The default value is KM1=31, which corresponds to K=32.
Note: For modes using the 64b/66b link layer, the KM1 register is
ignored. The effective value of K is 256*E/F.
Note: This register should only be changed when JESD_EN=0.
8.16 RBD Register (Offset = 106h) [reset = 00h]
RBD is shown in Figure 8-17 and described in Table 8-18.
Return to the Register Summary Table.
JESD204C Release Buffer Delay
Figure 8-17. RBD Register
7
6
5
4
3
2
1
0
RESERVED
RBD
R/W-0b
R/W-000000b
Table 8-18. RBD Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00b
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
147
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com