Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 148 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 148 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 144Page - Texas Instruments DAC39RF10 Datasheet HTML 145Page - Texas Instruments DAC39RF10 Datasheet HTML 146Page - Texas Instruments DAC39RF10 Datasheet HTML 147Page - Texas Instruments DAC39RF10 Datasheet HTML 148Page - Texas Instruments DAC39RF10 Datasheet HTML 149Page - Texas Instruments DAC39RF10 Datasheet HTML 150Page - Texas Instruments DAC39RF10 Datasheet HTML 151Page - Texas Instruments DAC39RF10 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 232 page
background image
Table 8-18. RBD Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-0
RBD
R/W
000000b
This register shifts the elastic buffer release opportunities. Increasing
RBD by 1 delays the release opportunities by 4 bytes (octets).
The legal RBD range is 0 to K*F/4-1.
For 64b/66b modes, the legal RBD range is 0 to 63.
See Programming RBD.
Note: This register should only be changed when JESD_EN=0.
8.17 JESD_STATUS Register (Offset = 0107h) [reset = NA]
JESD_STATUS is shown in Figure 8-18 and described in Table 8-19.
Return to the Register Summary Table.
JESD204C / System Status
Figure 8-18. JESD_STATUS Register
7
6
5
4
3
2
1
0
EB_ERR
LINK_UP
JSYNC_STATE
REALIGNED
ALIGNED
PLL_LOCKED
RESERVED
R/W1C
R
R
R/W1C
R
R
R
Table 8-19. JESD_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
EB_ERR
R/W1C
NA
Elastic buffer experienced underflow/overflow. Check RBD.
Write a 1 to clear this bit.
6
LINK_UP
R
NA
When set, indicates that the JESD204C link is up (elastic buffer
released).
5
JSYNC_STATE
R
NA
Returns the state of the JESD204C SYNC signal.
0 : SYNC asserted
1 : SYNC de-asserted
4
REALIGNED
R/W1C
NA
When any clock dividers or the LMFC/LEMC counters are realigned
by SYSREF, this bit gets set. Write a 1 to clear this bit.
The behavior of this bit is undefined when SUBCLASS=0.
3
ALIGNED
R
NA
When set, indicates that the last SYSREF pulse was consistent with
the SYSREF-associated clock dividers (including the LMFC/LEMC).
This bit is read-only (cannot be cleared via SPI). After JESD_EN
is set, the part may require up to 7 SYSREF pulses to achieve full
alignment and set this bit.
The behavior of this bit is undefined when SUBCLASS=0.
2
PLL_LOCKED
R
NA
When high, indicates that all enabled SerDes PLLs are locked.
1-0
RESERVED
R
NA
8.18 REFDIV Register (Offset = 0108h) [reset = 30h]
REFDIV is shown in Figure 8-19 and described in Table 8-20.
Return to the Register Summary Table.
JESD204C Reference Divider
Figure 8-19. REFDIV Register
7
6
5
4
3
2
1
0
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
148
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com