Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 152 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 152 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 148Page - Texas Instruments DAC39RF10 Datasheet HTML 149Page - Texas Instruments DAC39RF10 Datasheet HTML 150Page - Texas Instruments DAC39RF10 Datasheet HTML 151Page - Texas Instruments DAC39RF10 Datasheet HTML 152Page - Texas Instruments DAC39RF10 Datasheet HTML 153Page - Texas Instruments DAC39RF10 Datasheet HTML 154Page - Texas Instruments DAC39RF10 Datasheet HTML 155Page - Texas Instruments DAC39RF10 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 232 page
background image
Table 8-26. JTIMER Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
JTT
R/W
0b
JESD204C watchdog counter threshold. When the watchdog counter
reaches the threshold defined by JTT, the PHY layer is reset
(including the PHY PLL(s) if JTPLL=1) and the watchdog timer is
reset. Larger values of JTT cause the watchdog timer to take longer
to intervene.
JTT : Watchdog Counter Threshold : Counter Duration [assuming
FCLK = 10.24 GHz
0 : <Watchdog Timer Disabled> : <disabled>
1 : 217 : 102.4 μs
2 : 219 : 409.6 μs
3 : 232 : 1.63 ms
4 : 223 : 6.55 ms
5-7 : RESERVED : RESERVED
Note: The watchdog may not detect link up events shorter than 210
(1024) CLK cycles.
8.25 SYNC_EPW Register (Offset = 0127h) [reset = 00h]
SYNC_EPW is shown in Figure 8-26 and described in Table 8-27.
Return to the Register Summary Table.
JESD204C SYNC Error Report Pulse Width
Figure 8-26. SYNC_EPW Register
7
6
5
4
3
2
1
0
RESERVED
SYNC_EPW
R/W-00h
R/W-000b
Table 8-27. SYNC_EPW Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
00h
2-0
SYNC_EPW
R/W
000b
Specifies the pulse width of SYNC that is used for reporting errors
to the transmitter. When an error is detected that does not require
link resynchronization, SYNC is asserted for SYNC_EPW link clock
cycles (equal to 4*SYNC_EPW character durations). To disable
error reporting over SYNC, set SYNC_EPW=0. The legal range for
SYNC_EPW is 0 to 7.
Note: This register should only be changed when JESD_EN= 0.
8.26 CRC_TH Register (Offset = 0128h) [reset = 00h]
CRC_TH is shown in Figure 8-27 and described in Table 8-28.
Return to the Register Summary Table.
JESD204C CRC Error Thresholds
Figure 8-27. CRC_TH Register
7
6
5
4
3
2
1
0
RESERVED
CRC_ERR_REC
CFC_ERR_TH
R/W-0h
R/W-00b
R/W-00b
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
152
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com