Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 155 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 155 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 151Page - Texas Instruments DAC39RF10 Datasheet HTML 152Page - Texas Instruments DAC39RF10 Datasheet HTML 153Page - Texas Instruments DAC39RF10 Datasheet HTML 154Page - Texas Instruments DAC39RF10 Datasheet HTML 155Page - Texas Instruments DAC39RF10 Datasheet HTML 156Page - Texas Instruments DAC39RF10 Datasheet HTML 157Page - Texas Instruments DAC39RF10 Datasheet HTML 158Page - Texas Instruments DAC39RF10 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 232 page
background image
Table 8-32. LANE_ARR[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
5-0
LANE_ARR[n]
R
NA
Returns the arrival time of lane n with respect to the internal LMFC/
LEMC that is established by SYSREF. The value returned can be
between 0 and 63 (inclusive), regardless of the multiframe/EMB
length. These registers are valid only when LANE_ARR_RDY =1.
See Programming RBD.
Note: The lane arrival data is captured when attempting to release
the elastic buffer and LANE_ARR_RDY=0. All values are from the
same release attempt.
Note: It may be necessary to use JESD_RST when starting the link
to get accurate lane arrival values.
8.31 LANE_STATUS[15:0] Register (Offset = 0150h) [Read only, reset = NA]
LANE_STATUS[15:0] is a set of 16 registers showing the status of lane n. LANE_STATUS[15:0] is shown in
Figure 8-32 and described in Table 8-33.
Return to the Register Summary Table.
SerDes Lane n Status (n = 0 - 15). LANE_STATUS[0] is at the lowest address.
Figure 8-32. LANE_STATUS[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
LANE_STATUS[n]
R-00h
R
Table 8-33. LANE_STATUS[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R
00h
2
F_EMB_SYNC[n]
R
NA
Returns 1 if logical lane n has frame or EMB synchronization.
1
CG_BK_SYNC[n]
R
NA
Returns 1 if logical lane n has code-group or block synchronization.
0
SIG_DET[n]
R
NA
Returns 1 if logical lane n is detecting a data signal (using loss-of-
signal detector in PHY).
8.32 LANE_ERR[15:0] Register (Offset = 0160h) [reset = 00h]
LANE_ERR[15:0] is a set of 16 registers reporting errors for lane n. LANE_ERR[15:0] is shown in Figure 8-33
and described in Table 8-34.
Return to the Register Summary Table.
SerDes Lane n Error Flags (n = 0 - 15). LANE_ERR[0] is at the lowest address.
Figure 8-33. LANE_ERR[15:0] Register
7
6
5
4
3
2
1
0
LANE_ERR[n]
R/W1C
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
155
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com