Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 156 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 156 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 152Page - Texas Instruments DAC39RF10 Datasheet HTML 153Page - Texas Instruments DAC39RF10 Datasheet HTML 154Page - Texas Instruments DAC39RF10 Datasheet HTML 155Page - Texas Instruments DAC39RF10 Datasheet HTML 156Page - Texas Instruments DAC39RF10 Datasheet HTML 157Page - Texas Instruments DAC39RF10 Datasheet HTML 158Page - Texas Instruments DAC39RF10 Datasheet HTML 159Page - Texas Instruments DAC39RF10 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 232 page
background image
Table 8-34. LANE_ERR[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
LANE_ERR[n]
R/W1C
00h
Sticky bits indicating various errors on lane n. A bit is set to indicate
an error. Write a 1 to clear a bit.
[7] Alignment character found at unexpected location (8b/10b) or
(extended)-multi-block pilot signal not in expected location (64b/66b)
[6] Multi-frame, multi-block, or extended-multi-block alignment lost.
[5] Frame alignment was lost (8b/10b only) or CRC_FAULT=1 (64b/
66b).
[4] Code-group or block synchronization was lost.
[3] RESERVED
[2] Not-in-table or unexpected control character (8b/10b) or CRC
(64b/66b) error occurred.
[1] Disparity error (8b/10b) or invalid sync header (64b/66b)
occurred.
[0] Gearbox FIFO overflowed or underflowed. As long as the write
clock frequency is correct the gearbox write clock can drift at least
3UI after this flag without causing data corruption.
Note: Lane Error Flags for extra or disabled lanes are undefined.
Note: LANE_ERR[6:1] are only detected for 8b/10b operation while
sync_n=1
8.33 FIFO_STATUS[15:0] Register (Offset = 0170h) [Read only, reset = NA]
FIFO_STATUS[15:0] is a set of 16 registers showing the status of lane n. LANE_STATUS[15:0] is shown in
Figure 8-34 and described in Table 8-35.
Return to the Register Summary Table.
SerDes Lane n Status (n = 0 - 15). FIFO_STATUS[0] is at the lowest address.
Figure 8-34. FIFO_STATUS[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
PDIFF[n]
R-000b
R
Table 8-35. FIFO_STATUS[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
000b
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
156
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com