Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 191 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 191 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments DAC39RF10 Datasheet HTML 193Page - Texas Instruments DAC39RF10 Datasheet HTML 194Page - Texas Instruments DAC39RF10 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 232 page
background image
8.102 DEM_ADJ Register (Offset = 0727h) [reset = 11h]
DEM_ADJ is shown in Figure 8-88 and described in Table 8-108.
Return to the Register Summary Table
DEM Adjust
Table 8-109. Single Edge DEM Adjust
7
6
5
4
3
2
1
0
DEM_ADJ1
DEM_ADJ0
R/W-0x1
R/W-0x1
Table 8-110. DEM_ADJ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DEM_ADJ1
R/W
0x1
Adjust DEM behavior for single-edge data-independent DEM for
DAC1. This register has no effect unless DAC1 is configured for
single-edge data-independent DEM. Only 0 to 3 are valid settings, 4
through 15 are reserved.
3-0
DEM_ADJ0
R/W
0x1
Adjust DEM behavior for single-edge data-independent DEM for
DAC0. This register has no effect unless DAC0 is configured for
single-edge data-independent DEM. Only 0 to 3 are valid settings, 4
through 15 are reserved.
8.103 DEM_DITH Register (Offset = 0729h) [reset = 00h]
DEM_DITH is shown in Figure 8-89 and described in Table 8-111.
Return to the Register Summary Table.
DAC DEM and Dither Control
Figure 8-89. DEM_DITH Register
7
6
5
4
3
2
1
0
DEM_DACB
DEM_DACA
DITHER_DACB
DITHER_DACA
R/W-00b
R/W-00b
R/W-00b
R/W-00b
Table 8-111. DEM_DITH Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
DEM_DACB
R/W
00b
0 : Enable single-edge, data-independent DEM for DACB
1 : Enable dual-edge, data-independent DEM for DACB
2 : Enable data-dependent DEM for DACB
3 : DEM disabled for DACB
5-4
DEM_DACA
R/W
00b
0 : Enable single-edge, data-independent DEM for DACA
1 : Enable dual-edge, data-independent DEM for DACA
2 : Enable data-dependent DEM for DACA
3 : DEM disabled for DACA
3-2
DITHER_DACB
R/W
00b
0 : Enable single-edge dithering for DACB
1 : Enable dual-edge dithering for DACB
2 : RESERVED
3 : Dithering disabled for DACB
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
191
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com