Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 192 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 192 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments DAC39RF10 Datasheet HTML 193Page - Texas Instruments DAC39RF10 Datasheet HTML 194Page - Texas Instruments DAC39RF10 Datasheet HTML 195Page - Texas Instruments DAC39RF10 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 232 page
background image
Table 8-111. DEM_DITH Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
DITHER_DACA
R/W
00b
0 : Enable single-edge dithering for DACA
1 : Enable dual-edge dithering for DACA
2 : RESERVED
3 : Dithering disabled for DACA
8.104 DAC_OFS[0:1] Register (Offset = 072Ah) [reset = 00h]
DAC_OFS[0:1] is described in Table 8-112.
Return to the Register Summary Table.
DAC Offset Control. DAC_OFS[0] is at the lowest address.
Table 8-112. DAC_OFS[0:1] Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
Reserved
R/W
000b
12-0
DAC_OFS[n]
R/W
00b
Offset adjustment for DACn (n = 0 or 1). The value in this register is
added to the DACn output. This is a 2’s complement, 13-bit signed
value. The LSB weight is one DAC LSB.
The value programmed into this register passes through a saturation
function to limit the adjustment to what is possible. If dithering is
enabled on DACn (see DEM_DITH), DAC_OFS[n] is saturated to the
range +/- 128. If dithering is disabled on DACn, the saturation range
is +/-3968.
See Section 7.3.4.
Note: This value should only be changed when DP_EN=0 or
DAC_OFS_CHG_BLK=1.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
192
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com