Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 188 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 188 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments DAC39RF10 Datasheet HTML 191Page - Texas Instruments DAC39RF10 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 232 page
background image
Table 8-101. ALM_MASK Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6
JTIMER_EXPIRED_MAS
K
R/W
0b
When set, alarms from the JTIMER_EXPIRED_ALM register are
masked and will not impact the alarm output.
5
JESD_CRC_MASK
R/W
0b
When set, alarms from the JESD_CRC_ALM register are masked
and will not impact the alarm output.
4-1
RESERVED
R/W
0h
0
SYSREF_ALM_MASK
R/W
0b
When set, alarms from the SYSREF_ALM register are masked and
will not impact the alarm output.
8.95 MUTE_MASK Register (Offset = 0432h) [reset = 21h]
MUTE_MASK is shown in Figure 8-82 and described in Table 8-102.
Return to the Register Summary Table.
DAC Mute Mask
Figure 8-82. MUTE_MASK Register
7
6
5
4
3
2
1
0
RESERVED
JESD_CRC_M
UTE_MASK
RESERVED
SYSREF_MUT
E_MASK
R/W-00b
R/W-1b
R/W-0h
R/W-1b
Table 8-102. MUTE_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00b
5
JESD_CRC_MUTE_MAS
K
R/W
1b
JESD CRC alarms will mute the DACs according to
JESD_CRC_REC unless this bit is set.
4-1
RESERVED
R/W
0h
0
SYSREF_MUTE_MASK
R/W
1b
Alarms from the SYSREF_ALM register will mute the DACs unless
this bit is set.
8.96 MUTE_REC Register (Offset = 0433h) [reset = A0h]
MUTE_REC is shown in Figure 8-83 and described in Table 8-103.
Return to the Register Summary Table.
DAC Mute Recovery
Figure 8-83. MUTE_REC Register
7
6
5
4
3
2
1
0
JESD_LINK_D
OWN_REC
RESERVED
JESD_CRC_RE
C
RESERVED
R/W-1b
R/W-0b
R/W-1b
R/W-00h
Table 8-103. MUTE_REC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
JESD_LINK_DOWN_REC R/W
1b
0: DAC will remain muted until the JESD_LINK_DOWN_ALM = 0.
1: DAC will unmute automatically when the JESD link recovers.
6
RESERVED
R/W
0b
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
188
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com