Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 185 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 185 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 181Page - Texas Instruments DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 232 page
background image
8.88 FR_FRS_R Register (Offset = 03E0h) [reset = NA, read-only]
FR_FRS_R is shown in Figure 8-75 and described in Table 8-95.
Return to the Register Summary Table.
Readback for FR Syncrhonization
Figure 8-75. FR_FRS_R Register
7
6
5
4
3
2
1
0
FR_FRS_R
RESERVED
R
R
Table 8-95. FR_FRS_R Register Field Descriptions
Bit
Field
Type
Reset
Description
7
FR_FRS_R
R
NA
This provides readback for the value of FRS in the last transaction.
Note: This value is not synchronized and should only be read while
the FR interface is static.
6-0
RESERVED
R
NA
8.89 FR_NCO_AR_R Register (Offset = 03E1h) [reset = NA, read-only]
FR_NCO_AR_R is shown in Figure 8-76 and described in Table 8-96.
Return to the Register Summary Table.
Readback for FR NCO Accumulator Reset
Figure 8-76. FR_NCO_AR_R Register
7
6
5
4
3
2
1
0
RESERVED
FR_NCO_AR_R
R
R
Table 8-96. FR_NCO_AR_R Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
NA
3-0
FR_NCO_AR_R
R
NA
This provides readback for the last value that was written to
FR_NCO_AR.
Note: This value is not synchronized and should only be read while
the FR interface is static.
8.90 TS_TEMP Register (Offset = 0400h) [reset = NA, read-only]
TS_TEMP is shown in Figure 8-77 and described in Table 8-97.
Return to the Register Summary Table.
Temperature Reading in Celsius
Figure 8-77. TS_TEMP Register
7
6
5
4
3
2
1
0
TS_TEMP
R
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com