Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 182 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 182 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 178Page - Texas Instruments DAC39RF10 Datasheet HTML 179Page - Texas Instruments DAC39RF10 Datasheet HTML 180Page - Texas Instruments DAC39RF10 Datasheet HTML 181Page - Texas Instruments DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 232 page
background image
Table 8-84. PHASE2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE2
R/W
0h
Phase is added late so this register can be written during operation
to change the phase without needing to reset the NCO.
This value is left justified into a 32−bit field and then added to the
phase accumulator. The phase (in radians) is PHASE2 * 2-16 * 2π.
This register can be interpreted as signed or unsigned.
Note: Changes to this register do not take effect until the next sync
event specified by NCO_SYNC_SRC.
Note: This register should only be changed when DP_EN=0 or
updates to the NCOs are scheduled to occur away from the change.
(See NCO_SYNC.)
Note: This register has no effect when FR_EN=1.
8.79 PHASE3 Register (Offset = 0346h) [reset = 0000h]
PHASE3 is described in Table 8-85.
Return to the Register Summary Table.
Phase for NCO3 Accumulator.
Table 8-85. PHASE3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE3
R/W
0h
Phase is added late so this register can be written during operation
to change the phase without needing to reset the NCO.
This value is left justified into a 32−bit field and then added to the
phase accumulator. The phase (in radians) is PHASE3 * 2-16 * 2π.
This register can be interpreted as signed or unsigned.
Note: Changes to this register do not take effect until the next sync
event specified by NCO_SYNC_SRC.
Note: This register should only be changed when DP_EN=0 or
updates to the NCOs are scheduled to occur away from the change.
(See NCO_SYNC.)
Note: This register has no effect when FR_EN=1.
AMP_R[3:0] Register (Offset = 0378h) [reset = NA]
AMPR[3:0] is described in Table 8-86. AMP_R[0] starts at addess offset 0x0378, AMP_R[1] at address offset
0x37A, AMP_R[2] at address offset 0x37C and AMP_R[3] at address offset 0x37E
Return to the Register Summary Table.
Table 8-86. AMP_R[3:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
AMP_R[n]
R
NA
This provides a readback of the amplitude setting that is currently
in use by the DDS channel n. Format is 16-bit signed. This register
is only applicable when DDS_EN=1. When DDS_EN=0, the return
value is undefined. The value is sampled as each byte is read,
so it may return incoherent data if the amplitude changes during
readback.
8.80 FREQ_R0 Register (Offset = 0380h) [reset = NA, read-only]
FREQ_R0 is described in Table 8-87.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
182
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com