Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 186 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 186 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments DAC39RF10 Datasheet HTML 189Page - Texas Instruments DAC39RF10 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 232 page
background image
Table 8-97. TS_TEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TS_TEMP
R
NA
Returns the temperature sensor reading. This returns an unsigned
value from 0 to 255. Subtract 80 from this value to get degrees
Celsius. For example, a value of 110 indicates 30C.
See Temperature Sensor.
Note: Reads of this register require slower SPI timing. See Switching
Characteristics.
Note: This register will not return valid data unless TS_SLEEP=0.
8.91 TS_SLEEP Register (Offset = 0401h) [reset = 00h]
TS_SLEEP is shown in Figure 8-78 and described in Table 8-98.
Return to the Register Summary Table.
Temperature Sensor Sleep
Figure 8-78. TS_SLEEP Register
7
6
5
4
3
2
1
0
RESERVED
TS_SLEEP
R/W-00h
R/W-0b
Table 8-98. TS_SLEEP Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
TS_SLEEP
R/W
0b
If temperature conversions are not needed, set this bit to sleep the
temperature sensor.
8.92 SYNC_STATUS Register (Offset = 0410h) [reset = NA]
SYNC_STATUS is shown in Figure 8-79 and described in Table 8-99.
Return to the Register Summary Table.
Synchronization Status
Figure 8-79. SYNC_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
CLK_REALIGN
ED
CLK_ALIGNED NCO_SYNC_D
ET
SYSREF_DET
R
R/W1C
R
R/W1C
R/W1C
Table 8-99. SYNC_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
NA
3
CLK_REALIGNED
R/W1C
NA
This bit is set any time the clock dividers associated with SYSREF
(excluding LMFC/LEMC) are realigned to SYSREF. This bit is useful
to confirm the internally sampled SYSREF signal has a correct and
stable period in DDS mode (or for debug purposes in JESD204C
mode). Write a 1 to clear this bit.
2
CLK_ALIGNED
R
NA
When set, indicates that the last SYSREF pulse was consistent with
the SYSREF-associated clock dividers (except for the LMFC/LEMC).
Since the LMFC/LEMC does not affect this bit, it is appropriate to use
in DDS mode, but can also be used when the JESD204C interface is
enabled. This bit is read-only (cannot be cleared via SPI).
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
186
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com