Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 183 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 183 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 179Page - Texas Instruments DAC39RF10 Datasheet HTML 180Page - Texas Instruments DAC39RF10 Datasheet HTML 181Page - Texas Instruments DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 232 page
background image
Return to the Register Summary Table.
Readback for Frequency for NCO0
Table 8-87. FREQ_R0 Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ_R0
R
NA
This provides a readback of the FREQ setting that is currently in
used by the system for NCO0. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.81 FREQ_R1 Register (Offset = 0388h) [reset = NA, read-only]
FREQ_R1 is described in Table 8-88.
Return to the Register Summary Table.
Readback for Frequency for NCO1
Table 8-88. FREQ_R1 Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ_R1
R
NA
This provides a readback of the FREQ setting that is currently in
used by the system for NCO1. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.82 FREQ_R2 Register (Offset = 0390h) [reset = NA, read-only]
FREQ_R2 is described in Table 8-89.
Return to the Register Summary Table.
Readback for Frequency for NCO2
Table 8-89. FREQ_R2 Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ_R2
R
NA
This provides a readback of the FREQ setting that is currently in
used by the system for NCO2. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.83 FREQ_R3 Register (Offset = 0398h) [reset = NA, read-only]
FREQ_R3 is described in Table 8-90.
Return to the Register Summary Table.
Readback for Frequency for NCO3
Table 8-90. FREQ_R3 Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ_R3
R
NA
This provides a readback of the FREQ setting that is currently in
used by the system for NCO3. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com