Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 119 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 119 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 115Page - Texas Instruments DAC39RF10 Datasheet HTML 116Page - Texas Instruments DAC39RF10 Datasheet HTML 117Page - Texas Instruments DAC39RF10 Datasheet HTML 118Page - Texas Instruments DAC39RF10 Datasheet HTML 119Page - Texas Instruments DAC39RF10 Datasheet HTML 120Page - Texas Instruments DAC39RF10 Datasheet HTML 121Page - Texas Instruments DAC39RF10 Datasheet HTML 122Page - Texas Instruments DAC39RF10 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 232 page
background image
Table 7-18. PLL Configuration Table for 64b/66b Encoding Modes
R decimal (fraction) CLK Range (FCLK)
(GHz)
Register Values to Program
Actual Frequency Multipliers
Lane Bit Rate (FBIT)
(Gbps)
REFDIV
MPY
RATE
VRANGE
REFDIV
MPY
RATE
0.515625 (33/64)
6.06 – 12.41
0x20
0x21
0x1
FCLK<8.417GHz
1/32
8.25
2
3.125 – 6.4
0.6875 (33/48)
4.55 – 9.31
0x18
0x21
0x1
FCLK<6.313GHz
1/24
8.25
2
3.125 – 6.4
0.6875 (33/48)
9.09 – 12.8
0x30
0x21
0x0
FCLK<12.625GHz
1/48
8.25
4
6.25 – 8.8
0.825 (33/40)
3.79 – 7.76
0x14
0x21
0x1
FCLK<5.261GHz
1/20
8.25
2
3.125 – 6.4
0.825 (33/40)
7.58 – 12.8
0x28
0x21
0x0
FCLK<10.521GHz
1/40
8.25
4
6.25 – 10.56
1.03125 (33/32)
3.03 – 6.21
0x10
0x21
0x1
FCLK<4.208GHz
1/16
8.25
2
3.125 – 6.4
1.03125 (33/32)
6.06 – 12.41
0x20
0x21
0x0
FCLK<8.417GHz
1/32
8.25
4
6.25 – 12.8
1.375 (33/24)
2.27 – 4.65
0x0C
0x21
0x1
FCLK<3.156GHz
1/12
8.25
2
3.125 – 6.4
1.375 (33/24)
4.55 – 9.31
0x18
0x21
0x0
FCLK<6.313GHz
1/24
8.25
4
6.25 – 12.8
1.65 (33/20)
1.89 – 3.88
0x0A
0x21
0x1
FCLK<2.630GHz
1/10
8.25
2
3.125 – 6.4
1.65 (33/20)
3.79 – 7.76
0x14
0x21
0x0
FCLK<5.261GHz
1/20
8.25
4
6.25 – 12.8
2.0625 (33/16)
1.52 – 3.10
0x08
0x21
0x1
FCLK<2.104GHz
1/8
8.25
2
3.125 – 6.4
2.0625 (33/16)
3.03 – 6.21
0x10
0x21
0x0
FCLK<4.208GHz
1/16
8.25
4
6.25 – 12.8
2.75 (33/12)
1.14 – 2.33
0x06
0x21
0x1
FCLK<1.578GHz
1/6
8.25
2
3.125 – 6.4
2.75 (33/12)
2.27 – 4.65
0x0C
0x21
0x0
FCLK<3.156GHz
1/12
8.25
4
6.25 – 12.8
3.3 (33/10)
0.95 – 1.94
0x05
0x21
0x1
FCLK<1.315GHz
1/5
8.25
2
3.125 – 6.4
3.3 (33/10)
1.89 – 3.88
0x0A
0x21
0x0
FCLK<2.630GHz
1/10
8.25
4
6.25 – 12.8
4.125 (33/8)
0.76 – 1.55
0x04
0x21
0x1
FCLK<1.052GHz
1/4
8.25
2
3.125 – 6.4
4.125 (33/8)
1.52 – 3.10
0x08
0x21
0x0
FCLK<2.104GHz
1/8
8.25
4
6.25 – 12.8
7.3.7.7 Serdes Crossbar
The device includes a crossbar immediately after coming out of the PHY that allows mapping of signals between
lanes to simplify PCB routing between the Tx and Rx which could save PCB complexity or shorten the traces
(reduce loss). See LANE_SEL n .
The physical layer lanes (0SRX± to 15SRX±) must be routed to the appropriate JESD204C lanes (JESD0 to
JESD15) based on the lanes defined in the bit packing diagrams shown in JESD204C Format Diagrams.
Crossbar
0SRX+
0SRX–
15SRX+
15SRX–
JESD204C
0SRX
15SRX
JESD0
JESD15
Figure 7-53. Crossbar Block Diagram
7.3.7.8 Multi-Device Synchronization and Deterministic Latency
JESD204C subclass 1 outlines a method to achieve deterministic latency across the serial link. If two devices
achieve the same deterministic latency then the devices are considered synchronized. This latency must
be achieved from system startup to startup to be deterministic. There are two key requirements to achieve
deterministic latency. The first is proper capture of SYSREF. SYSREF resets the LMFC counter in each device to
act as a known timing reference.
The second requirement is to choose a proper elastic buffer release point in the receiver. The converter device is
the receiver (RX) in the JESD204C link and the logic device is the transmitter (TX). The elastic buffer is the key
block for achieving deterministic latency and does so by absorbing variations in the propagation delays of the
serialized data as the data travels from the transmitter to the receiver. A proper release point is one that provides
sufficient margin against delay variations. Choosing a proper release point requires knowing the average arrival
time of data at the elastic buffer, referenced to an LMFC edge, and the total expected delay variation for all
devices. With this information the region of invalid release points within the LMFC period can be defined, which
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com