Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 121 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 121 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 117Page - Texas Instruments DAC39RF10 Datasheet HTML 118Page - Texas Instruments DAC39RF10 Datasheet HTML 119Page - Texas Instruments DAC39RF10 Datasheet HTML 120Page - Texas Instruments DAC39RF10 Datasheet HTML 121Page - Texas Instruments DAC39RF10 Datasheet HTML 122Page - Texas Instruments DAC39RF10 Datasheet HTML 123Page - Texas Instruments DAC39RF10 Datasheet HTML 124Page - Texas Instruments DAC39RF10 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 232 page
background image
usable RBD value causes the earliest arriving lane to overwrite buffer data on the same clock cycle that the data
is being read out (this is acceptable and does not cause overflow).
Choosing an RBD value in the middle of the usable range maximizes the skew tolerance; however, the user can
choose a value closer to the latest arriving lane if lower latency is desired.
Figure 7-55. RBD Example (lane arrivals do not
straddle zero)
Figure 7-56. RBD Example (lane arrivals straddle
zero)
7.3.7.9 Operation in Subclass 0 Systems
The device can operate with subclass 0 compatibility provided that multi-DAC synchronization and deterministic
latency are not required. With these limitations, the device can operate without the application of SYSREF.
The internal LMFC is automatically self-generated with unknown starting phase. RBD does not need to be
programmed as the elastic buffer is released automatically just after the latest arriving lane begins to write to the
elastic buffer. SYNC is used as normal to initiate the CGS and ILAS.
7.3.7.10 Link Reset
The entire link layer for all lanes is reset any time:
• There is a gearbox FIFO underflow/overflow detected (LANE_ERR[0]) on a lane used by the JESD link
• There is an elastic buffer overflow detected (EB_ERR) on a lane used by the JESD link
• The JESD link goes down (JESD_LINK_DOWN_ALM)
• SYSREF causes clock divider or LMFC/LEMC realignment (REALIGNED)
• The JTimer expires (JTIMER_EXPIRED_ALM)
7.3.8 Alarm Generation
The alarm pin is useful for notifying the host controller of events that may require intervention. Any active alarms
in the SYS_ALM register asserts the alarm output if they are not masked in the ALM_MASK register.
7.4 Device Functional Modes
This section describes the functional modes of the device. Some of the features in this section have been
discussed in further detail in Feature Description.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com