Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 117 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 117 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 113Page - Texas Instruments DAC39RF10 Datasheet HTML 114Page - Texas Instruments DAC39RF10 Datasheet HTML 115Page - Texas Instruments DAC39RF10 Datasheet HTML 116Page - Texas Instruments DAC39RF10 Datasheet HTML 117Page - Texas Instruments DAC39RF10 Datasheet HTML 118Page - Texas Instruments DAC39RF10 Datasheet HTML 119Page - Texas Instruments DAC39RF10 Datasheet HTML 120Page - Texas Instruments DAC39RF10 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 232 page
background image
or block (64b/66b) boundaries and the multiframe (8b/10b) or multiblock (64b/66b) boundaries to deskew the
Serdes lanes, initializing the link, encoding the data, and monitoring the health of the link.
7.3.7.5 Physical Layer
The devices JESD204C physical layer contains 16 SerDes receivers. Each SerDes lane has a Continuous Time
Linear Equalizer (CTLE) for channel loss equalization.
7.3.7.6 Serdes PLL Control
The Serdes receivers work over a wide frequency range if various parameters are altered. Before setting
JESD_EN, the user must program various parameters for the Serdes receivers to work. The parameters are
adjusted to maintain all these constraints:
1. The VCO clock frequency (FVCO) must be between 1.5625GHz and 3.2GHz.
2. When the VCO clock frequency (FVCO) is below 2.17GHz, VRANGE must be set.
3. The REFDIV, MPY and RATE settings are all associated with a frequency change. The product of all the
frequency changes must match the R value for the selected JMODE.
4. Settings with a higher PLL reference clock (and smaller MPY multiplier) are preferred.
Reference Divider
(REFDIV)
PLL (mul plier)
(MPY)
Receiver
(RATE)
DAC Clock (FCLK)
Reference Clock (FREF)
VCO Clock (FVCO)
Serial bit rate (per lane) (FBIT)
Figure 7-52. Serdes Clock Frequency Generation
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com