Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 113 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 109Page - Texas Instruments DAC39RF10 Datasheet HTML 110Page - Texas Instruments DAC39RF10 Datasheet HTML 111Page - Texas Instruments DAC39RF10 Datasheet HTML 112Page - Texas Instruments DAC39RF10 Datasheet HTML 113Page - Texas Instruments DAC39RF10 Datasheet HTML 114Page - Texas Instruments DAC39RF10 Datasheet HTML 115Page - Texas Instruments DAC39RF10 Datasheet HTML 116Page - Texas Instruments DAC39RF10 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 232 page
background image
0
DUC_GAIN0
DUC0
sum
saturate
round
0
DUC_GAIN1
DUC1
0
DUC_GAIN2
0
DUC_GAIN3
2
DESDAC
DAC
DUC2(I) or DUC0(Q)
DUC3(I) or DUC1(Q)
DAC_SRCx[1]
DAC_SRCx[0]
DAC_SRCx[2]
DAC_SRCx[3]
Figure 7-47. Channel Bonder Block Diagram
7.3.6.3 DES Interpolator
The output of the summation block or the non-interpolated input signal can optionally be interpolated by 2x by
the DES interpolator to double the sample rate for DES2XL and DES2XH output modes. The DES interpolator
has a passband bandwidth of 80%, stopband attenuation of 54dB and ripple less than ±0.02dB. The DES
interpolator can operate as high pass (DES2XH) or low pass (DES2XL) with an inverted spectrum. The DES2X
filter coefficients are listed in Table 7-14 and the responses are shown in Figure 7-48, with the passband ripple
for DES2XL shown in Figure 7-49.The sample rate after interpolation is 2*fCLK due to having samples on both
the rising and falling edges, so the x-axis in Figure 7-48 covers the Nyquist zone.
Table 7-14. DES2X Filter Coefficients
Filter
Coefficients (center tap is in bold)
DES2X
[-9 0 19 0 -39 0 70 0 -122 0 211 0 -403 0 1293 2048 1293 0 -403 0 211 0 -122 0 70 0 -39 0 19 0 -9 ]*2-11
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com