Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 110 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 110 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 106Page - Texas Instruments DAC39RF10 Datasheet HTML 107Page - Texas Instruments DAC39RF10 Datasheet HTML 108Page - Texas Instruments DAC39RF10 Datasheet HTML 109Page - Texas Instruments DAC39RF10 Datasheet HTML 110Page - Texas Instruments DAC39RF10 Datasheet HTML 111Page - Texas Instruments DAC39RF10 Datasheet HTML 112Page - Texas Instruments DAC39RF10 Datasheet HTML 113Page - Texas Instruments DAC39RF10 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 232 page
background image
NCO Output
Frequency changed to
frequency 2
Frequency changed to
frequency 1
Figure 7-44. Example Phase Continuous NCO Mode Operation
7.3.6.1.2.2 Phase-coherent NCO Update Mode
The phase-coherent NCO update mode, the frequency word is updated and is multiplied by a counter to
update the accumulator. This allows the phase for a particular frequency to be "coherent" with the previous
usage of the frequency as if the NCO had never been tuned away from that frequency. Since the phase
information is maintained by the counter, any frequency can be phase coherent. Phase Coherent NCO Mode
operation is demonstrated in Figure 7-45 and selected by programming NCO_CONT = 0 and NCO_AR = 0. If
alignment between multiple devices is required, then NCO_AR must be programmed to 1 during the initial NCO
synchronization to align the master accumulator for all devices.
Frequency 1
Frequency 2
NCO Output
Frequency changed to
frequency 2
Frequency changed to
frequency 1
Figure 7-45. Example Phase Coherent NCO Mode Operation
7.3.6.1.2.3 Phase-sync NCO Update Mode
In Phase-sync NCO update mode, the frequency word is updated (if it changed) and the accumulator is reset.
This mode can be used to align the NCOs across multiple devices by providing a synchronization signal
simultaneously across all devices. This mode is selected by programming NCO_AR = 1.
7.3.6.1.2.4 NCO Synchronization
Many systems required synchronization between DAC channels including the phase of the internal NCOs when
using digital up-conversion features. Further, frequency hopping systems may have additional requirements
for synchronized frequency hopping to maintain NCO synchronization during changes in NCO frequency. The
device has a number of ways to update NCO changes. These include:
• Synchronization through the LSB of the "I" input of DUC0 in the JESD204C input data stream
• Synchronization through SYSREF
• Update through SPI_SYNC register bit
• Update on the rising edge of FRCS of the FRI interface if the FRS bit is set.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
110
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com