Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 109 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 109 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 105Page - Texas Instruments DAC39RF10 Datasheet HTML 106Page - Texas Instruments DAC39RF10 Datasheet HTML 107Page - Texas Instruments DAC39RF10 Datasheet HTML 108Page - Texas Instruments DAC39RF10 Datasheet HTML 109Page - Texas Instruments DAC39RF10 Datasheet HTML 110Page - Texas Instruments DAC39RF10 Datasheet HTML 111Page - Texas Instruments DAC39RF10 Datasheet HTML 112Page - Texas Instruments DAC39RF10 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 232 page
background image
Normalized Frequency (/FCLK)
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 7-40. 192x Interpolation Filter Response
Normalized Frequency (/FCLK)
0
0.0004
0.0008
0.0012
0.0016
0.002
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
Figure 7-41. 192x Interpolation Filter Passband
Response
Normalized Frequency (/FCLK)
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Figure 7-42. 256x Interpolation Filter Response
Normalized Frequency (/FCLK)
0
0.0004
0.0008
0.0012
0.0015625
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
Figure 7-43. 256x Interpolation Filter Passband
Response
7.3.6.1.2 Numerically Controlled Oscillator (NCO)
Each DUC has an NCO block that is capable of phase continuous frequency hopping and phase coherent
frequency hopping through a NCO with 64-bit frequency and 16-bit phase words. The NCO provides the
complex sinusoid that is used for the complex mixing operation. The NCOs can also be used with DDS mode to
generate a tone without using the DUC filter path.
The NCO updates modes are either Phase-continuous (see Phase-continuous NCO Update Mode), Phase-
coherent (see Phase-coherent NCO Update Mode or Phase-sync (see Phase-sync NCO Update Mode).
The NCO frequency is written to the NCO frequency word register setting through either the standard SPI
interface or through the Fast Reconfiguration (FR) interface, which allows for faster frequency updates. The
frequency update occurs either as soon as the new frequency word is written or once triggered by the chosen
trigger source. Available trigger sources are a SPI register, the SYSREF signal or by replacing the LSB of the I
input signal with a sync signal (determined by the NCO_SYNC_SRC register).
7.3.6.1.2.1 Phase-Continuous NCO Update Mode
In phase-continuous NCO update mode, the phase frequency is updated without reset of the phase accumulator,
which maintains the current sinusoid phase when changing frequency to reduce discontinuities in the output
response. Phase Continuous NCO Mode operation is demonstrated in Figure 7-44 and selected by programming
NCO_CONT = 1 and NCO_AR = 0.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com