Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 112 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 112 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 108Page - Texas Instruments DAC39RF10 Datasheet HTML 109Page - Texas Instruments DAC39RF10 Datasheet HTML 110Page - Texas Instruments DAC39RF10 Datasheet HTML 111Page - Texas Instruments DAC39RF10 Datasheet HTML 112Page - Texas Instruments DAC39RF10 Datasheet HTML 113Page - Texas Instruments DAC39RF10 Datasheet HTML 114Page - Texas Instruments DAC39RF10 Datasheet HTML 115Page - Texas Instruments DAC39RF10 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 232 page
background image
complex amplitude exceeds 32767 the mixer saturates, resulting in a corrupted waveform. This is illustrated in
Figure 7-46, which shows the valid circular region in white and invalid corners in grey.
I
Q
+32767
+32767
-32767
-32767
32767
Grey = mixer satura on region
white = no mixer satura on region
Figure 7-46. Mixer Saturation Region for the 16-bit Complex Input
7.3.6.2 Channel Bonder
The channel bonder sits after the DUC blocks and is used to combine the outputs of the DUCs. A block diagram
for one DAC channel is shown in Figure 7-47. The DUC outputs can be scaled by 1 (0 dB), 0.5 (-6 dB) or
0.25 (-12 dB) as set by the DUC_GAIN registers to prevent saturation when summing the signals. The signals
are summed at full precision as determined by the settings of the DAC_SRC registers, and then saturation and
rounding occurs on the combined signal. When the DUC outputs are real, up to four DUCs are available to
be combined for each DAC. When the DUC outputs are complex, only two DUCs are available per DAC. The
channel bonder can combine any combination of the real or complex DUC outputs for each DAC.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
112
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com