Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 134 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 134 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 130Page - Texas Instruments DAC39RF10 Datasheet HTML 131Page - Texas Instruments DAC39RF10 Datasheet HTML 132Page - Texas Instruments DAC39RF10 Datasheet HTML 133Page - Texas Instruments DAC39RF10 Datasheet HTML 134Page - Texas Instruments DAC39RF10 Datasheet HTML 135Page - Texas Instruments DAC39RF10 Datasheet HTML 136Page - Texas Instruments DAC39RF10 Datasheet HTML 137Page - Texas Instruments DAC39RF10 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 232 page
background image
7.5 Programming
The device contains two programming interfaces: a SPI interface and a Fast Reconfiguration (FR) interface for
fast programming of NCO frequency and phase.
7.5.1 Using the Standard SPI Interface
The standard SPI interface is accessed using the following four pins: serial clock (SCLK), serial data in (SDI),
serial data out (SDO), and serial interface chip-select ( SCS). Register access is enabled through the SCS pin.
7.5.1.1 SCS
This signal must be asserted low to access a register through the serial interface. Setup and hold times with
respect to the SCLK must be observed.
7.5.1.2 SCLK
Serial data input is accepted at the rising edge of this signal. SCLK has no minimum frequency requirement.
7.5.1.3 SDI
Each register access requires a specific 24-bit pattern at this input. This pattern consists of a read-and-write
(R/W) bit, register address, and register value. The data are shifted in MSB first and multi-byte registers are
always in little-endian format (least significant byte stored at the lowest address). Setup and hold times with
respect to the SCLK must be observed (see the Switching Characteristics table).
7.5.1.4 SDO
The SDO signal provides the output data requested by a read command. This output is high impedance during
write bus cycles and during the read bit and register address portion of read bus cycles.
7.5.1.5 Serial Interface Protocol
As shown in Figure 7-58, each register access consists of 24 bits. The first bit is high for a read and low for a
write.
The next 15 bits are the address of the register that is to be written to. During write operations, the last eight bits
are the data written to the addressed register. During read operations, the last eight bits on SDI are ignored and,
during this time, the SDO outputs the data from the addressed register. Figure 7-58 shows the serial protocol
details.
SCLK
1
24
Single Register Access
SCS
SDI
Command Field
Data Field
SDO
(read mode)
Data Field
High Z
High Z
17
16
8
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 7-58. Serial Interface Protocol: Single Read and Write
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
134
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com