Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 136 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 136 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 132Page - Texas Instruments DAC39RF10 Datasheet HTML 133Page - Texas Instruments DAC39RF10 Datasheet HTML 134Page - Texas Instruments DAC39RF10 Datasheet HTML 135Page - Texas Instruments DAC39RF10 Datasheet HTML 136Page - Texas Instruments DAC39RF10 Datasheet HTML 137Page - Texas Instruments DAC39RF10 Datasheet HTML 138Page - Texas Instruments DAC39RF10 Datasheet HTML 139Page - Texas Instruments DAC39RF10 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 232 page
background image
The FR interface registers are listed in Table 7-44. There are two registers that can change the NCO frequency
- FR_FREQL[3:0] is 64-bits for each NCO and changes the entire frequency word. FR_FREQS[3:0] is 32-bits for
each NCO and changes only the upper 32-bits of the frequency word, providing for faster frequency changes.
Table 7-44. FR Interface Registers
Address
Name
Description
0x00FF
FR_NCO_AR
FR NCO Accumulator Reset (default: 0x0f)
[7:4] RESERVED
[3:0] FR_NCO_AR For each bit FR_NCO_AR[n], if set, the accumulator for NCOn
is reset on every sync event specified by NCO_SYNC_SRC.
Note: This register has no effect when FR_EN=0.
0x0100-0x011F
FR_FREQL[3:0]
FR 64-bit Frequency for NCO Accumulator (default for FR_FREQL[n]=0x00)
The frequency setting for FR_FREQL[0] is at the lowest address.
[63:0] FR_FREQL[n] This register is used instead of FREQ[n] when FR_EN=1.
Changes to the upper 32-bits of this register also change FR_FREQS[n].
Note: Changes to this register do not take effect until the next sync event specified
by NCO_SYNC_SRC.
Note: This register has no effect when FR_EN=0.
0x0120-0x0127
FR_PHASE[3:0]
FR Phase for NCO Accumulator (default for FR_PHASE[n]=0x0000)
The phase setting for FR_PHASE[0] is at the lowest address.
[15:0] FR_PHASE[n] This register is used instead of PHASE[n] when FR_EN=1.
Note: Changes to this register do not take effect until the next sync event specified
by NCO_SYNC_SRC.
Note: This register has no effect when FR_EN=0.
0x0128-0x0137
FR_FREQS[3:0]
FR 32-bit Frequency for NCO Accumulator (default for FR_FREQS[n]=0x00)
The frequency setting for FR_FREQS[0] is at the lowest address.
[31:0] FR_FREQS[n] This register is used instead of FREQ[n] when FR_EN=1.
Changes to this register also change the upper 32-bits of FR_FREQL[n]. This
register only controls the upper 32-bits of the frequency. The lower 32-bits of the
frequency are always controlled by FR_FREQL[n].
Note: Changes to this register do not take effect until the next sync event specified
by NCO_SYNC_SRC.
Note: This register has no effect when FR_EN=0.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
136
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com