Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 138 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 138 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 134Page - Texas Instruments DAC39RF10 Datasheet HTML 135Page - Texas Instruments DAC39RF10 Datasheet HTML 136Page - Texas Instruments DAC39RF10 Datasheet HTML 137Page - Texas Instruments DAC39RF10 Datasheet HTML 138Page - Texas Instruments DAC39RF10 Datasheet HTML 139Page - Texas Instruments DAC39RF10 Datasheet HTML 140Page - Texas Instruments DAC39RF10 Datasheet HTML 141Page - Texas Instruments DAC39RF10 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 232 page
background image
Table 8-1. SPI Registers (continued)
Offset
Acronym
Register Name
Section
0x0160-0x016F
LANE_ERR[15:0]
Lane n Error Flags
Go
0x0170-0x017F
FIFO_STATUS[15:0]
Gearbox FIFO Status for Logical Lane n
Go
0x0180-0x0189
RESERVED
0x018A-0x019F
RESERVED
0x01A0
BER_EN
BER Measurement Control
Go
0x01A1-0x01AF
RESERVED
0x01B0-0x01BF
BER_CNT[15:0]
BER Error Count for Lane n
Go
0x01C0
RESERVED
0x01C1
JPHY_CTRL
SerDes PHY Control
Go
0x01C2
EQ_CTRL
SerDes Equalizer Control
Go
0x01C3
EQZERO
SerDes Equalizer Zero
Go
0x01D0-0x01DF
LANE_EQ[15:0]
SerDes Equalizer Level for Lane n
Go
0x01E0-0x01EF
LANE_EQS[15:0]
SerDes Equalizer Status for Lane n
Go
0x1F0
ESRUN
SerDes Eye-Scan Run Control
Go
0x01F1
ES_CTRL
SerDes Eye-Scan Control
Go
0x01F2
ESPO
SerDes Eye-Scan Phase Offset
Go
0x01F3
ESVO
SerDes Eye-Scan Voltage Offset
Go
0x01F4
ES_BIT_SELECT
SerDes Eye-Scan Bit Select
Go
0x01F5
ESCOUNT_CLR
SerDes Error Counter Clear
Go
0x01F6-0x01F7
ESDONE
SerDes Eye-Scan Process Done
Go
0x01F8-0x01FF
RESERVED
0x0200-0x020F
ESVO_S[15:0]
SerDes Eye-Scan Voltage Offset for Lane n
Go
0x0210-0x022F
ECOUNT[15:0]
SerDes Error/Mismatch Count for Lane n
Go
0x0230-0x0233
RESERVED
0x0234
LOS_TH
SerDes Loss-of_Signal Threshold
Go
0x0235
EQCNTSZ
SerDes Equalizer Counter Size
Go
0x0236-0x237
RESERVED
0x0238
CDRLOCK
SerDes CDR Lock/Freeze
Go
0x0239
CDRPHASE
SerDes CDR Phase Status
Go
0x023A-0x024F
RESERVED
0x0250
PLL_STATUS
SerDes PLL Status
Go
0x0251-0x0252
RESERVED
0x0253
JESD_RST
JESD Reset
Go
0x0254-0x02AF
RESERVED
0x02B0
EXTREF_EN
Enable External Reference
Go
0x02B1
CUR_2X_EN
DAC Current Doubler Enable
Go
0x02B2-0x02C1
RESERVED
0x02C2-0x02CE
RESERVED
0x02CF
DAC_OFS_CHG_BLK
DAC Offset Adjustment Change Block
Go
0x02D0-0x02DF
RESERVED
0x02E0
DP_EN
Datapath Enable
Go
0x02E1
DUC_L
DUC Interpolation Factor
Go
0x02E2
DUC_GAIN
DUC Gain
Go
0x02E3
DUC_FORMAT
DUC Output Format
Go
0x02E4
DAC_SRC
DAC Source
Go
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
138
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com