Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 144 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 140Page - Texas Instruments AM261...ZCZ Datasheet HTML 141Page - Texas Instruments AM261...ZCZ Datasheet HTML 142Page - Texas Instruments AM261...ZCZ Datasheet HTML 143Page - Texas Instruments AM261...ZCZ Datasheet HTML 144Page - Texas Instruments AM261...ZCZ Datasheet HTML 145Page - Texas Instruments AM261...ZCZ Datasheet HTML 146Page - Texas Instruments AM261...ZCZ Datasheet HTML 147Page - Texas Instruments AM261...ZCZ Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 218 page
background image
6.11.5.8.1 I2C
The device contains three multicontroller Inter-Integrated Circuit (I2C) controllers. Each I2C controller was
designed to be compliant to the Philips I2C-bus™ specification version 2.1. However, the device IOs are not fully
compliant to the I2C electrical specification. The speeds supported and exceptions are described per port below:
• I2C1 and I2C2
– Speeds:
• Standard-mode (up to 100kbits/s)
– 3.3V
• Fast-mode (up to 400kbits/s)
– 3.3V
– Exceptions:
• The IOs associated with these ports are not compliant to the fall time requirements defined in the I2C
specification because they are implemented with higher performance LVCMOS push-pull IOs that were
designed to support other signal functions that could not be implemented with I2C compatible IOs. The
LVCMOS IOs being used on these ports are connected such they emulate open-drain outputs. This
emulation is achieved by forcing a constant low output and disabling the output buffer to enter the Hi-Z
state.
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this data sheet.
• I2C0
– Speeds:
• Standard-mode (up to 100kbits/s)
– 3.3V
• Fast-mode (up to 400kbits/s)
– 3.3V
– Exceptions:
• The IOs associated with this port were not design to support HS-mode.
• The rise and fall times of the I2C signals connected to these ports must not exceed a slew rate of
0.8V/ns (or 8E+7V/s). This limit is more restrictive than the minimum fall time limits defined in the I2C
specification. Therefore, it may be necessary to add additional capacitance to the I2C signals to slow
the rise and fall times such that they do not exceed a slew rate of 0.8V/ns.
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this data sheet.
Refer to the Philips I2C-bus specification version 2.1 for timing details.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
144
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com