Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 60 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 56Page - Texas Instruments AM261...ZCZ Datasheet HTML 57Page - Texas Instruments AM261...ZCZ Datasheet HTML 58Page - Texas Instruments AM261...ZCZ Datasheet HTML 59Page - Texas Instruments AM261...ZCZ Datasheet HTML 60Page - Texas Instruments AM261...ZCZ Datasheet HTML 61Page - Texas Instruments AM261...ZCZ Datasheet HTML 62Page - Texas Instruments AM261...ZCZ Datasheet HTML 63Page - Texas Instruments AM261...ZCZ Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 218 page
background image
Table 5-22. EPWM5 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM5_B
O
EPWM Output B
F1, G2
E1, G1
D1, D3
C1, D1
Table 5-23. EPWM6 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM6_A
O
EPWM Output A
B9, E1, E3
B11, C2, F2
C4, D8, E3
B10, B2, E3
EPWM6_B
O
EPWM Output B
A9, F3
A11, F1
C10, F4
A11, E2
Table 5-24. EPWM7 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM7_A
O
EPWM Output A
C9, F4
D11, G2
B9, D2
D2
EPWM7_B
O
EPWM Output B
A10, F1, G4
A12, G1, J2
B10, D1
D1
Table 5-25. EPWM8 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM8_A
O
EPWM Output A
B10, G3
D10, H2
A9, E2
E1
EPWM8_B
O
EPWM Output B
D9, G2, H2
C9, E1, H1
C11, D3, E1
C1, F1
Table 5-26. EPWM9 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM9_A
O
EPWM Output A
G1, N1
K4, R2
F2, M2
F2, N2
EPWM9_B
O
EPWM Output B
H2, J2, N4
H1, L2, R1
E1, F3, N1
F1, G1, N1
5.3.8 EQEP
Table 5-27. EQEP0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EQEP0_A
I
EQEP Quadrature Input A
B14, U18
A16, Y19
D13, R16
B15, W18
EQEP0_B
I
EQEP Quadrature Input B
A14, T18
B16, W19
C13, N14
A15, V18
EQEP0_INDEX
IO
EQEP Index
D11, N18
D15, U20
B13, L15
B14, R18
EQEP0_STROBE
IO
EQEP Strobe
C12, M18
C14, T20
C12, M16
A14, T19
Table 5-28. EQEP1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EQEP1_A
I
EQEP Quadrature Input A
D15, P16
C18, V18
N15
B16, U18
EQEP1_B
I
EQEP Quadrature Input B
C15, P17
C19, V20
N16
B17, U19
EQEP1_INDEX
IO
EQEP Index
A12, N17, P2 A14, T19, U2
M15, P3
T1, T18
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
60
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com