Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 96 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 92Page - Texas Instruments AM261...ZCZ Datasheet HTML 93Page - Texas Instruments AM261...ZCZ Datasheet HTML 94Page - Texas Instruments AM261...ZCZ Datasheet HTML 95Page - Texas Instruments AM261...ZCZ Datasheet HTML 96Page - Texas Instruments AM261...ZCZ Datasheet HTML 97Page - Texas Instruments AM261...ZCZ Datasheet HTML 98Page - Texas Instruments AM261...ZCZ Datasheet HTML 99Page - Texas Instruments AM261...ZCZ Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 218 page
background image
6.9 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses.
6.9.1 VPP Specifications
over recommended operating conditions (unless otherwise noted)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
NOM
MAX UNIT
VDD
Supply voltage range for the core
domain during OTP operation(1)
Normal Operation, R5F =
400MHz
1.140
1.200
1.260
V
Normal Operation, R5F =
500MHz
1.188
1.250
1.320
V
VPP
Supply voltage range for the eFuse
ROM domain
Normal Operation
No Connection
V
Supply voltage range for the
eFuse ROM domain during OTP
programming
OTP Programming
1.65
1.7
1.75
V
I(VPP)
VPP Current
I(VPP)
100
mA
TA
Ambient Temperature
Ambient Temperature
0
30
50
℃
(1)
See Section 6.5 for more information
6.9.2 Hardware Requirements
The following hardware requirements must be met when programming keys in the OTP eFuses:
• The VPP power supply must be disabled when not programming OTP registers.
• The VPP power supply must be ramped up after the proper device power-on sequence (for more details, see
Section 6.11.2.1, Power-On and Reset Sequencing).
6.9.3 Programming Sequence
Programming sequence for OTP eFuses:
• Power on the board per the power-on sequencing. No voltage should be applied on the VPP terminal during
power up and normal operation.
• Load the OTP write software required to program the eFuse (contact your local TI representative for the OTP
software package).
• Apply the voltage on the VPP terminal according to the specification in VPP Specifications.
• Run the software that programs the OTP registers.
• After validating the content of the OTP registers, remove the voltage from the VPP terminal.
6.9.4 Impact to Your Hardware Warranty
You accept that e-Fusing the TI Devices with security keys permanently alters them. You acknowledge that the
e-Fuse can fail, for example, due to incorrect or aborted program sequence or if you omit a sequence step.
Further the TI Device may fail to secure boot if the error code correction check fails for the Production Keys
or if the image is not signed and optionally encrypted with the current active Production Keys. These types of
situations will render the TI Device inoperable and TI will be unable to confirm whether the TI Devices conformed
to their specifications prior to the attempted e-Fuse.
CONSEQUENTLY, TI WILL HAVE NO LIABILITY (WARRANTY OR OTHERWISE) FOR ANY TI DEVICES THAT
HAVE BEEN e-FUSED WITH SECURITY KEYS.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
96
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com