Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 66 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 62Page - Texas Instruments AM261...ZCZ Datasheet HTML 63Page - Texas Instruments AM261...ZCZ Datasheet HTML 64Page - Texas Instruments AM261...ZCZ Datasheet HTML 65Page - Texas Instruments AM261...ZCZ Datasheet HTML 66Page - Texas Instruments AM261...ZCZ Datasheet HTML 67Page - Texas Instruments AM261...ZCZ Datasheet HTML 68Page - Texas Instruments AM261...ZCZ Datasheet HTML 69Page - Texas Instruments AM261...ZCZ Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 218 page
background image
Table 5-32. GPMC0 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPMC0_A13
O
GPMC Address 13 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
E2
C1
B2
A2
GPMC0_A14
O
GPMC Address 14 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
C1
B2
A2
B4
GPMC0_A15
O
GPMC Address 15 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
C12
C14
C12
A14
GPMC0_A16
O
GPMC Address 16 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
C10
B12
A10
B12
GPMC0_A17
O
GPMC Address 17 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
C15
C19
B17
GPMC0_A18
O
GPMC Address 18 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
P2
U2
P3
T1
GPMC0_A19
O
GPMC Address 19 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
D15
C18
B16
GPMC0_A20
O
GPMC Address 20 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
D17, F3
E19, F1
F4
E2
GPMC0_A21
O
GPMC Address 21 Output in A/D
non-multiplexed mode and unused in
A/D multiplexed mode
C18
E20
GPMC0_AD0
IO
GPMC Data 0 Input/Output in
A/D non-multiplexed mode and
additionally Address 1 Output in A/D
multiplexed mode
V17
W16
R14
V15
GPMC0_AD1
IO
GPMC Data 1 Input/Output in
A/D non-multiplexed mode and
additionally Address 2 Output in A/D
multiplexed mode
T16
Y16
T14
W15
GPMC0_AD2
IO
GPMC Data 2 Input/Output in
A/D non-multiplexed mode and
additionally Address 3 Output in A/D
multiplexed mode
P15
W17
T15
W16
GPMC0_AD3
IO
GPMC Data 3 Input/Output in
A/D non-multiplexed mode and
additionally Address 4 Output in A/D
multiplexed mode
F1
G1
D1
D1
GPMC0_AD4
IO
GPMC Data 4 Input/Output in
A/D non-multiplexed mode and
additionally Address 5 Output in A/D
multiplexed mode
F4
G2
D2
D2
GPMC0_AD5
IO
GPMC Data 5 Input/Output in
A/D non-multiplexed mode and
additionally Address 6 Output in A/D
multiplexed mode
G2
E1
D3
C1
GPMC0_AD6
IO
GPMC Data 6 Input/Output in
A/D non-multiplexed mode and
additionally Address 7 Output in A/D
multiplexed mode
A9
A11
C10
A11
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
66
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com