Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 49 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 45Page - Texas Instruments AM261...ZCZ Datasheet HTML 46Page - Texas Instruments AM261...ZCZ Datasheet HTML 47Page - Texas Instruments AM261...ZCZ Datasheet HTML 48Page - Texas Instruments AM261...ZCZ Datasheet HTML 49Page - Texas Instruments AM261...ZCZ Datasheet HTML 50Page - Texas Instruments AM261...ZCZ Datasheet HTML 51Page - Texas Instruments AM261...ZCZ Datasheet HTML 52Page - Texas Instruments AM261...ZCZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
D12, D8,
H15, H4,
L15, P4,
R15
VDDS33
VDDS33
Power
3.3V
0
-
0
E12, E16,
E7, G5,
J16, M16
D11, D4,
D7, F13,
J13
C15, D12,
D8, F16,
F4, K16
VDDSHV_A
VDDS33
Power
3.3V
0
-
0
M5
L4
P4
VDDSHV_B
VDDS33
Power
3.3V
0
-
0
T14
N12
T14
VDDSHV_C
VDDS33
Power
3.3V
0
-
0
J5
H4, J4
K4, M4
VDDSHV_D
VDDS1833_FLASH0
Power
1.8V/3.3V
0
-
0
P16
M13
P16
VDDSHV_E
VDDS1833_FLASH1
Power
1.8V/3.3V
0
-
0
T7
N5
U5
VDDSHV_F
VDDS33
Power
3.3V
0
-
0
F1, J1
VDDSHV_G
VDDS1833_FLASH0-SIP
Power
1.8V/3.3V
0
-
0
T4
V7
N8
T8
VDD_TEMP
VDD_TEMP
Power
1.8V
0
-
0
J16
K17
H13
J17
VNWA
VNWA
Power
1.2V/1.25V
0
-
0
N3
P3
K3
N3
VPP
VPP
Power
VPP
0
-
0
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com