Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 50 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 50 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 46Page - Texas Instruments AM261...ZCZ Datasheet HTML 47Page - Texas Instruments AM261...ZCZ Datasheet HTML 48Page - Texas Instruments AM261...ZCZ Datasheet HTML 49Page - Texas Instruments AM261...ZCZ Datasheet HTML 50Page - Texas Instruments AM261...ZCZ Datasheet HTML 51Page - Texas Instruments AM261...ZCZ Datasheet HTML 52Page - Texas Instruments AM261...ZCZ Datasheet HTML 53Page - Texas Instruments AM261...ZCZ Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
A1, A18,
E10, E12,
E13, E14,
E5, E6,
E7, E8,
F10, F12,
F13, F14,
F5, F6,
F7, F8,
G10, G11,
G12, G7,
G8, G9,
H10, H11,
H12, H13,
H14, H5,
H6, H7,
H8, H9,
J10, J11,
J12, J13,
J14, J5,
J6, J7, J8,
J9, K10,
K11, K12,
K7, K8,
K9, L10,
L11, L12,
L13, L14,
L5, L6,
L7, L8,
L9, M10,
M11,
M12,
M13,
M14, M5,
M6, M7,
M8, M9,
N10, N11,
N12, N7,
N8, N9,
P13, P14,
P5, T2,
V18
A1, A20,
F15, F6,
G10, G11,
G12, G13,
G14, G7,
G8, G9,
H10, H11,
H12, H13,
H14, H7,
H8, H9,
J10, J11,
J12, J13,
J14, J7,
J8, J9,
K10, K11,
K12, K13,
K14, K7,
K8, K9,
L10, L11,
L12, L13,
L14, L7,
L8, L9,
M10,
M11,
M12,
M13,
M14, M7,
M8, M9,
N10, N11,
N12, N13,
N14, N7,
N8, N9,
P10, P11,
P12, P13,
P14, P7,
P8, P9,
R14, R15,
R6, V2,
V5, W2,
Y1, Y20
A1, A16,
E10, E12,
E6, E8,
F10, F11,
F5, F6,
F7, F8,
F9, G10,
G11, G12,
G6, G7,
G8, G9,
H10, H11,
H5, H6,
H7, H8,
H9, J10,
J11, J12,
J6, J7, J8,
J9, K10,
K11, K5,
K6, K7,
K8, K9,
L10, L11,
L12, L6,
L7, L8,
L9, M5,
M7, R2,
R3, R4,
T1, T16
A1, A19,
D16, D4,
E15, E5,
F10, F11,
F12, F13,
F14, F6,
F7, F8,
F9, G10,
G11, G12,
G13, G14,
G6, G7,
G8, G9,
H10, H11,
H12, H13,
H14, H6,
H7, H8,
H9, J10,
J11, J12,
J13, J14,
J6, J7, J8,
J9, K10,
K11, K12,
K13, K14,
K6, K7,
K8, K9,
L10, L11,
L12, L13,
L14, L6,
L7, L8,
L9, M10,
M11,
M12,
M13,
M14, M6,
M7, M8,
M9, N10,
N11, N12,
N13, N14,
N6, N7,
N8, N9,
P10, P11,
P12, P13,
P14, P6,
P7, P8,
P9, R14,
R5, R8,
T4, U2,
V2, V3,
W1, W19
VSS
VSS
GND
VSS
0
-
0
P10, P12,
P6, P8,
R13, R5,
V1, V16
R12, R9
M11, M9
R10, R12 VSSA
VSSA
-
-
0
Analog
0
U2
Y4
R5
V5
VSYS_MON
VSYS_MON
-
-
Analog
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
50
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com