Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 70 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 70 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 66Page - Texas Instruments AM261...ZCZ Datasheet HTML 67Page - Texas Instruments AM261...ZCZ Datasheet HTML 68Page - Texas Instruments AM261...ZCZ Datasheet HTML 69Page - Texas Instruments AM261...ZCZ Datasheet HTML 70Page - Texas Instruments AM261...ZCZ Datasheet HTML 71Page - Texas Instruments AM261...ZCZ Datasheet HTML 72Page - Texas Instruments AM261...ZCZ Datasheet HTML 73Page - Texas Instruments AM261...ZCZ Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
Table 5-42. OSPI0 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
OSPI0_CSn0
O
OSPI0 Chip Select 0
H1, J2, P1
J3, L2, U4
F3, N3
G1, R1
OSPI0_CSn1
O
OSPI0 Chip Select 1
F4, R3
G2, T2
D2, M3
D2, R2
OSPI0_D0
IO
OSPI0 Data bit 0
G3, N1, N2,
P1
H2, M3, R2,
U4
E2, L2, M2,
N3
E1, M2, N2,
R1
OSPI0_D1
IO
OSPI0 Data bit 1
F1, J1, K3,
N4
G1, K2, M2,
R1
D1, G1, G3,
N1
D1, J1, N1
OSPI0_D2
IO
OSPI0 Data bit 2
L1, M1, M4
P1, P2, T1
J3, K1, L3
K2, L1, P2
OSPI0_D3
IO
OSPI0 Data bit 3
K4, P3
L1, U1
H2, N2
H2, P1
OSPI0_D4
IO
OSPI0 Data bit 4
M1, M3, P3
P1, R4, U1
J3, L1, N2
K2, M1, P1
OSPI0_D5
IO
OSPI0 Data bit 5
K2, L1
K1, P2
G2, K1
G2, L1
OSPI0_D6
IO
OSPI0 Data bit 6
L1, L2, M4
N2, P2, T1
K1, K2, L3
J2, L1, P2
OSPI0_D7
IO
OSPI0 Data bit 7
J4, K1
L4, N1
H3, J2
H1, K1
OSPI0_RESET_OUT0(2) (3)
O
OSPI0 Reset Out 0
B9, D9, G1,
G2, J1, J3
B11, C9, E1,
J1, K2, K4
C11, D3, D8,
F2, G3
B10, C1, F2
OSPI0_RESET_OUT1
O
OSPI0 Reset Out 1
A9, B8, H1
A11, B10, J3
B8, C10
A10, A11
(1)
OSPI0_LBCLKO is a clock loopback output signal used for peripheral timing.
(2)
In OSPI boot mode, the AM261x ROM code configures GPIO61 as OSPI0_RESET_OUT0 and drives the pin low to reset an external
OSPI device during this boot mode. However, due to a configuration in the OSPI controller, this pin does not de-assert after and
external OSPI flash device resets, thus holding any external flash device in reset and causing the boot to fail. For more information,
see the AM261x Errata Document.
(3)
For additional information on OSPI flash reset, see OSPI Reset within the Applications, Implementation and Layout section.
Table 5-43. OSPI1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
OSPI1_CLK
O
OSPI1 Clock
H2, K1, R17
H1, N1, W20
E1, J2, P16
F1, K1, V19
OSPI1_DQS
I
OSPI1 Data Strobe (DQS) or
Loopback Clock input
P18
U19
L13
R17
OSPI1_ECC_FAIL
I
OSPI1 ECC Failure Status Pin
A9, M2, N17
A11, M1, T19 C10, H1, M15 A11, J3, T18
OSPI1_LBCLKO (1)
O
OSPI1 Loopback Clock output
L3
T3
M1
L2
OSPI1_CSn0
O
OSPI1 Chip Select 0
J2, P17
L2, V20
F3, N16
G1, U19
OSPI1_CSn1
O
OSPI1 Chip Select 1
F4
G2
D2
D2
OSPI1_D0
IO
OSPI1 Data bit 0
G3, N2, R18
H2, M3, V19
E2, L2, M14
E1, M2, U17
OSPI1_D1
IO
OSPI1 Data bit 1
F1, K3, U17
G1, M2, Y18
D1, G1, P14
D1, J1, W17
OSPI1_D2
IO
OSPI1 Data bit 2
T17
W18
P15
V17
OSPI1_D3
IO
OSPI1 Data bit 3
U18
Y19
R16
W18
OSPI1_D4
IO
OSPI1 Data bit 4
T18
W19
N14
V18
OSPI1_D5
IO
OSPI1 Data bit 5
N18
U20
L15
R18
OSPI1_D6
IO
OSPI1 Data bit 6
M18
T20
M16
T19
OSPI1_D7
IO
OSPI1 Data bit 7
P16
V18
N15
U18
OSPI1_RESET_OUT0
O
OSPI1 Reset Out 0
B9, G1, N16
B11, K4, R17
D8, F2, L16
B10, F2, P18
OSPI1_RESET_OUT1
O
OSPI1 Reset Out 1
B8
B10
B8
A10
(1)
OSPI1_LBCLKO is a clock loopback output signal used for peripheral timing.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
70
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com