Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 88 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 84Page - Texas Instruments AM261...ZCZ Datasheet HTML 85Page - Texas Instruments AM261...ZCZ Datasheet HTML 86Page - Texas Instruments AM261...ZCZ Datasheet HTML 87Page - Texas Instruments AM261...ZCZ Datasheet HTML 88Page - Texas Instruments AM261...ZCZ Datasheet HTML 89Page - Texas Instruments AM261...ZCZ Datasheet HTML 90Page - Texas Instruments AM261...ZCZ Datasheet HTML 91Page - Texas Instruments AM261...ZCZ Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 218 page
background image
6.7 Power Consumption Summary
Section 6.7.1, Power Consumption - Maximum shows the maximum current consumed by each rail and should
be used for power supply selection.
6.7.1 Power Consumption - Maximum for R5F at 400MHz
with R5F at 400MHz, TJ at 150℃
SUPPLY NAME
PARAMETER
MIN
MAX(1)
UNIT
VDD + VDDARn
Maximum Current Rating for Core Domain and
SRAM power
1.75
A
VDDS33
Maximum Current Rating for 3.3V IO supply
3.3V IOs Only(2)
200
mA
1.8V IOs and 3.3V IOs(3)
120
mA
VDDS18
Maximum Current Rating for 1.8V IO supply
3.3V IOs Only(2)
0
mA
1.8V IOs and 3.3V IOs(3)
80
mA
VDDA33
Maximum Current Rating for 3.3V Analog supply
100
mA
(1)
The maximum values show the maximum possible current needed for each power rail, and are only intended for power supply
selection. For power consumption in typical applications, see Power Consumption - Typical.
(2)
This is when all IOs are operating in the 3.3V domain.
(3)
This is when OSPI0 and OSPI1 IOs are operating in the 1.8V domain.
6.7.2 Power Consumption - Maximum for R5F at 500MHz
with R5F at 500MHz, TJ at 125℃
SUPPLY NAME
PARAMETER
MIN
MAX(1)
UNIT
VDD + VDDARn
Maximum Current Rating for Core Domain and
SRAM power
1.5
A
VDDS33
Maximum Current Rating for 3.3V IO supply
3.3V IOs Only(2)
200
mA
1.8V IOs and 3.3V IOs(3)
120
mA
VDDS18
Maximum Current Rating for 1.8V IO supply
3.3V IOs Only(2)
0
mA
1.8V IOs and 3.3V IOs(3)
80
mA
VDDA33
Maximum Current Rating for 3.3V Analog supply
100
mA
(1)
The maximum values show the maximum possible current needed for each power rail, and are only intended for power supply
selection. For power consumption in typical applications, see Power Consumption - Typical.
(2)
This is when all IOs are operating in the 3.3V domain.
(3)
This is when OSPI0 and OSPI1 IOs are operating in the 1.8V domain.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
88
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com