Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 3 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 3 Page - Texas Instruments

  AM261...ZCZ Datasheet HTML 1Page - Texas Instruments AM261...ZCZ Datasheet HTML 2Page - Texas Instruments AM261...ZCZ Datasheet HTML 3Page - Texas Instruments AM261...ZCZ Datasheet HTML 4Page - Texas Instruments AM261...ZCZ Datasheet HTML 5Page - Texas Instruments AM261...ZCZ Datasheet HTML 6Page - Texas Instruments AM261...ZCZ Datasheet HTML 7Page - Texas Instruments AM261...ZCZ Datasheet HTML 8Page - Texas Instruments AM261...ZCZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 218 page
background image
Functional Safety:
• Enables design of systems with functional safety
requirements
– Error Signaling Module (ESM)
– ECC or parity on calculation critical memories
– Built-In Self-Test (BIST) on-chip RAM
– Runtime internal diagnostic modules including
voltage, temperature, and clock monitoring,
windowed watchdog timers, CRC engines for
memory integrity checks
• Functional Safety-Compliant [Industrial]
– Developed for functional safety applications
– Documentation to be made available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL-3
– Hardware integrity up to SIL-3
– Safety-related certification
• IEC 61508 certified
• Functional Safety-Compliant [Automotive]
– Developed for functional safety applications
– Documentation to be made available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Safety-related certification
• ISO 26262 certified
Technology / Package:
• AEC-Q100 qualified for automotive applications
• ZCZ Package
– 324-pin NFBGAs
– 15.00mm × 15.00mm
– 0.8mm pitch
• ZFG Package
– 304-pin NFBGA
– 13.25mm × 13.25mm
– 0.65mm pitch
• ZEJ Package
– 256-pin NFBGA
– 13.00mm × 13.00mm
– 0.8mm pitch
• ZNC Package
– 293-pin NFBGA
– 10.00mm × 10.00mm
– 0.5mm pitch
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com