Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 80 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 76Page - Texas Instruments AM261...ZCZ Datasheet HTML 77Page - Texas Instruments AM261...ZCZ Datasheet HTML 78Page - Texas Instruments AM261...ZCZ Datasheet HTML 79Page - Texas Instruments AM261...ZCZ Datasheet HTML 80Page - Texas Instruments AM261...ZCZ Datasheet HTML 81Page - Texas Instruments AM261...ZCZ Datasheet HTML 82Page - Texas Instruments AM261...ZCZ Datasheet HTML 83Page - Texas Instruments AM261...ZCZ Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 218 page
background image
Table 5-67. UART1 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART1_RXD
I
UART Receive Data
A9, L3, M2,
U18
A11, M1, T3,
Y19
C10, H1, M1,
R16
A11, J3, L2,
W18
UART1_TXD
O
UART Transmit Data
B9, G1, L2,
M3, T18
B11, K4, N2,
R4, W19
D8, F2, K2,
L1, N14
B10, F2, J2,
M1, V18
Table 5-68. UART2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
C13, D14, H1 A17, C16, J3
A14, A15
A16
UART2_RTSn
O
UART Request to Send (active low)
A12, B16, F3,
J3, R3
A14, B19, F1,
J1, T2
C15, F4, M3
E2, R2
UART2_RXD
I
UART Receive Data
B5, B8, D13,
J1
B10, B17, B6,
K2
B8, C14, G3
A10
UART2_TXD
O
UART Transmit Data
A16, A3, A8,
G4
A10, A19, B5,
J2
C16, C9
B9
Table 5-69. UART3 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
C10, G18, K1,
K2, K3, N2
B12, J20, K1,
M2, M3, N1
A10, E16, G1,
G2, J2, L2
B12, G2, J1,
J18, K1, M2
UART3_RTSn
O
UART Request to Send (active low)
A2, B11, G17,
J1
A4, C12, K19,
K2
A11, F14, G3
B11, G17
UART3_RXD
I
UART Receive Data
B12, C11, C7,
D15, K16, P1
B13, B14,
C18, C7, L20,
U4
B11, C8, G15,
N3
B16, C13, C9,
J19, R1
UART3_TXD
O
UART Transmit Data
A11, A12, B7,
C15, J17, R3
A13, A14,
C19, D8,
M20, T2
A12, A7, J14,
M3
A12, A9, B17,
L17, R2
Table 5-70. UART4 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
A14, T16
B16, Y16
C13, T14
A15, W15
UART4_RTSn
O
UART Request to Send (active low)
B14, V17
A16, W16
D13, R14
B15, V15
UART4_RXD
I
UART Receive Data
A10, D11, H1,
H2, N18
A12, D15, H1,
J3, U20
B10, B13, E1,
L15
B14, F1, R18
UART4_TXD
O
UART Transmit Data
C12, C9, G3,
J3, N17
C14, D11, H2,
J1, T19
B9, C12, E2,
M15
A14, E1, T18
Table 5-71. UART5 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
B15, D13
A18, B17
B16, C14
A17
UART5_RTSn
O
UART Request to Send (active low)
A16
A19
C16
UART5_RXD
I
UART Receive Data
A15, C13, D9,
R16, V2
A17, B18, C9,
V1, Y17
A14, B15,
C11, R1, R15
A16, V1, V16
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com