Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 48 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 44Page - Texas Instruments AM261...ZCZ Datasheet HTML 45Page - Texas Instruments AM261...ZCZ Datasheet HTML 46Page - Texas Instruments AM261...ZCZ Datasheet HTML 47Page - Texas Instruments AM261...ZCZ Datasheet HTML 48Page - Texas Instruments AM261...ZCZ Datasheet HTML 49Page - Texas Instruments AM261...ZCZ Datasheet HTML 50Page - Texas Instruments AM261...ZCZ Datasheet HTML 51Page - Texas Instruments AM261...ZCZ Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
D4
E3
B3
C5
SAFETY_ERRORn
SAFETY_ERRORn_CFG_RE
G
0x5310 0238
0x0000 0410
SAFETY_ERRORn
0
IO
On / Low / Down
On / NA / Down
Mode0
3.3V
Yes
LVCMOS
PU/PD
B3
D4
C6
B6
TCK
TCK_CFG_REG
0x5310 0248
0x0000 0210
TCK
0
I
On / Low / Up
On / NA / Up
Mode0
3.3V
Yes
LVCMOS
C5
C5
D5
C7
TDI
TDI_CFG_REG
0x5310 023C
0x0000 06D0
TDI
0
I
On / Low / Up
On / Off / Up
Mode0
3.3V
Yes
LVCMOS
PU/PD
C4
E5
B5
A7
TDO
TDO_CFG_REG
0x5310 0240
0x0000 0630
TDO
0
O
Off / Low / Up
Off / NA / Up
Mode0
3.3V
Yes
LVCMOS
PU/PD
U1
W3
P5
W4
TEMPCAL
TEMPCAL
-
-
Analog
D5
D6
C7
B7
TMS
TMS_CFG_REG
0x5310 0244
0x0000 0610
TMS
0
IO
On / Low / Up
On / NA / Up
Mode0
3.3V
Yes
LVCMOS
PU/PD
E11, E9,
F11, F9,
G13, G14,
G5, G6,
K13, K14,
K5, K6,
N13, N14,
N5, N6
F12, F14,
F7, F9,
G15, G6,
J15, J6,
M15, M6,
P15, P6,
R7
E11, E5,
E7, E9,
F12, G5,
H12, J5,
K12, L5,
M12, M6
E10, E12,
E14, E6,
E8, F15,
F5, H15,
H5, K15,
K5, M15,
M5, P15,
P5, R15,
R6, T6
VDD
VDD
Power
1.2V/1.25V
0
-
0
R11, R6,
R8
U10, U11
N9
U9
VDDA18_LDO
VDDA18_LDO
Power
1.8V
0
-
0
R4
U8
N6
U7
VDDA18_OSC_PLL
VDDA18_OSC_PLL
Power
1.8V
0
-
0
R4
T5
N4
U3
VDDA18_USB
VDDA18_USB
Power
1.8V
0
-
0
P11, P7,
P9
T12, T9
M10, M8
T10, T12 VDDA33
VDDA33
Power
3.3V
0
-
0
R15
P5
M4
R3
VDDA33_USB
VDDA33_USB
Power
3.3V
0
-
0
D10
D13
D10
C11
VDDAR2
VDDAR2
Power
1.2V/1.25V
0
-
0
H3
H4
G4
G3
VDDAR3
VDDAR3
Power
1.2V/1.25V
0
-
0
D6, E15,
L4, N15
E14, E9,
F4, G16,
L17, N4,
T16
D12, D6,
D9, E4,
G13, K13,
K4, N13
D10, D14,
D6, H16,
H4, L3,
M16, T16
VDDS18
VDDS18
Power
1.8V
0
-
0
T3
U6
P4
V4
VDDS18_LDO
VDDS18_LDO
Power
1.8V
0
-
0
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com