Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 10 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 6Page - Texas Instruments AM261...ZCZ Datasheet HTML 7Page - Texas Instruments AM261...ZCZ Datasheet HTML 8Page - Texas Instruments AM261...ZCZ Datasheet HTML 9Page - Texas Instruments AM261...ZCZ Datasheet HTML 10Page - Texas Instruments AM261...ZCZ Datasheet HTML 11Page - Texas Instruments AM261...ZCZ Datasheet HTML 12Page - Texas Instruments AM261...ZCZ Datasheet HTML 13Page - Texas Instruments AM261...ZCZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 218 page
background image
4.1 Device Identification
Device Identification below details the specific JTAG_USER_ID and feature sets available for AM261x devices
across packages per OPN. Please see Device Nomenclature for more information.
Table 4-2. Device Identification
Orderable Part Number (OPN)(1)
JTAG_USER_ID
R5F
PRU-ICSS
EtherCAT
Integrated
Stacks
Speed(2)
ZCZ, 15.00mm × 15.00mm
AM2612AOFFHMZCZR
0x5908 DBFE
2
x
x
x
500MHz
AM2612ALDFHMZCZRQ1
0x5908 9B3E
x
400MHz
AM2612APDFHMZCZRQ1
0x5908 9C3E
x
200MHz
AM2611AOFFHIZCZR
0x5904 DBFE
1
x
x
x
500MHz
ZFG, 13.25mm × 13.25mm
AM2612AOFFHIZFGR
0x5908 DBEA
2
x
x
x
500MHz
AM2612AOEFHIZFGR
0x5908 BBEA
x
x
AM2612AODFHIZFGR
0x5908 9BEA
x
AM2611AOFFHIZFGR
0x5904 DBEA
1
x
x
x
AM2611AOEFHIZFGR
0x5904 BBEA
x
x
AM2611AODFHIZFGR
0x5904 9BEA
x
ZEJ, 13.00mm × 13.00mm
AM2612AOFFHIZEJR
0x5908 DBEC
2
x
x
x
500MHz
AM2612AOEFHIZEJR
0x5908 BBEC
x
x
AM2612AODFHIZEJR
0x5908 9BEC
x
AM2612ALDFHMZEJRQ1
0x5908 9B3C
x
400MHz
AM2612APDFHMZEJRQ1
0x5908 9C3C
x
200MHz
AM2611AOFFHIZEJR
0x5904 9BEC
1
x
x
x
500MHz
AM2611AOEFHIZEJR
0x5904 9BEC
x
x
AM2611AODFHIZEJR
0x5904 9BEC
x
AM2611ALDFHMZEJRQ1
0x5904 9B3C
x
400MHz
AM2611APDFHMZEJRQ1
0x5904 9C3C
x
200MHz
ZNC, 10.00mm × 10.00mm
AM2612AOFFHIZNCR
0x5908 DBE9
2
x
x
x
500MHz
AM2612AOEFHIZNCR
0x5908 BBE9
x
x
AM2612AODFHIZNCR
0x5908 9BE9
x
AM2611AOFFHIZNCR
0x5904 DBE9
1
x
x
x
AM2611AOEFHIZNCR
0x5904 BBE9
x
x
AM2611AODFHIZNCR
0x5904 9BE9
x
(1)
Planned values. Please see Mechanical, Packaging, and Orderable Information for released OPNs.
(2)
See Operating Performace Points for more details
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com