Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 29 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 25Page - Texas Instruments AM261...ZCZ Datasheet HTML 26Page - Texas Instruments AM261...ZCZ Datasheet HTML 27Page - Texas Instruments AM261...ZCZ Datasheet HTML 28Page - Texas Instruments AM261...ZCZ Datasheet HTML 29Page - Texas Instruments AM261...ZCZ Datasheet HTML 30Page - Texas Instruments AM261...ZCZ Datasheet HTML 31Page - Texas Instruments AM261...ZCZ Datasheet HTML 32Page - Texas Instruments AM261...ZCZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
D15
C18
B16
GPIO119
GPIO119_CFG_REG
0x5310 01DC
0x0000 05F7
PR0_PRU1_GPIO19
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_RXD
2
I
PR0_IEP0_EDC_SYNC_OUT0
3
O
GPMC0_A19
6
O
GPIO119
7
IO
TRC_CLK
8
O
EQEP1_A
9
I
XBAROUT13
10
O
C15
C19
B17
GPIO120
GPIO120_CFG_REG
0x5310 01E0
0x0000 05F7
PR0_PRU1_GPIO18
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_TXD
2
O
PR0_IEP0_EDIO_DATA_IN_OUT31
3
IO
GPMC0_A17
6
O
GPIO120
7
IO
TRC_CTL
8
O
EQEP1_B
9
I
XBAROUT14
10
O
P2
U2
P3
T1
GPIO121
GPIO121_CFG_REG
0x5310 01E4
0x0000 05F7
EXT_REFCLK0
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
SAFETY_ERRORn
1
IO
USB0_DRVVBUS
2
O
PR0_IEP0_EDIO_DATA_IN_OUT30
3
IO
GPMC0_A18
6
O
GPIO121
7
IO
EQEP1_INDEX
9
IO
XBAROUT15
10
O
B16
B19
C15
GPIO122
GPIO122_CFG_REG
0x5310 01E8
0x0000 05F7
CLKOUT1
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO7
1
IO
UART2_RTSn
2
O
PR1_UART0_CTSn
4
I
GPMC0_A5
6
O
GPIO122
7
IO
SDFM0_CLK0
8
I
EQEP1_STROBE
9
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com