Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 95 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 91Page - Texas Instruments AM261...ZCZ Datasheet HTML 92Page - Texas Instruments AM261...ZCZ Datasheet HTML 93Page - Texas Instruments AM261...ZCZ Datasheet HTML 94Page - Texas Instruments AM261...ZCZ Datasheet HTML 95Page - Texas Instruments AM261...ZCZ Datasheet HTML 96Page - Texas Instruments AM261...ZCZ Datasheet HTML 97Page - Texas Instruments AM261...ZCZ Datasheet HTML 98Page - Texas Instruments AM261...ZCZ Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 218 page
background image
6.8.6 Safety Comparators
PARAMETER
MIN
TYP
MAX
UNIT
C0
C0: 1.8V Monitor Threshold
1.40
1.5
1.6
V
C1
BGAP Monitor
Lower Threshold
0.75
0.8
0.85
V
Upper Threshold
0.935
1
1.065
V
C2
Monitors 1.8V Supply vs BGAP
Lower Threshold
1.608
1.65
1.691
V
Upper Threshold
1.907
1.956
2.001
V
C3
Monitors 1.2V/1.25V vs BGAP
Lower Threshold
0.98
1.011
1.041
V
Upper Threshold
1.407
1.451
1.494
V
C4
Vref Monitor (ROK0)
Lower Threshold
1.56
1.61
1.66
V
Upper Threshold
2.09
2.16
2.22
V
C5
Monitors IO Bias Supply vs BGAP
Lower Threshold
1.58
1.621
1.661
V
Upper Threshold
1.928
1.978
2.027
V
C6
Vref Monitor (ROK0B)
Lower Threshold
1.56
1.61
1.66
V
Upper Threshold
2.09
2.16
2.22
V
C7
System Supply Monitor (VSYS_MON)
Lower Threshold
0.873
0.9
0.927
V
C8
UnderVoltage Threshold
2.606
2.773
2.94
V
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com