Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 149 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 149 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 145Page - Texas Instruments AM261...ZCZ Datasheet HTML 146Page - Texas Instruments AM261...ZCZ Datasheet HTML 147Page - Texas Instruments AM261...ZCZ Datasheet HTML 148Page - Texas Instruments AM261...ZCZ Datasheet HTML 149Page - Texas Instruments AM261...ZCZ Datasheet HTML 150Page - Texas Instruments AM261...ZCZ Datasheet HTML 151Page - Texas Instruments AM261...ZCZ Datasheet HTML 152Page - Texas Instruments AM261...ZCZ Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 218 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SM9
td(SPICLK-CS)
Delay time, SPI_SCLK last
edge to SPI_CS[i] inactive
PHA = 0
–4 + A(2)
ns
PHA = 1
–4 + B(3)
ns
(1)
P = SPICLK period in ns.
(2)
When P = 20.8ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8ns, A = (TCS
+ 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(3)
B = (TCS + .5) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even >= 2.
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM8
SM9
SM6
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM6
SM7
SM6
SM2
SM3
SM2
SM3
SM6
SM6
SM6
SPRSP08_TIMING_McSPI_01
Figure 6-42. SPI Controller Mode Transmit Timing
6.11.5.11.4 SPI Peripheral Mode Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS1
tc(SPICLK)
Cycle time, SPI_SCLK
40
ns
SS2
tw(SPICLKL)
Typical Pulse duration, SPI_SCLK low
0.45 × P(1)
ns
SS3
tw(SPICLKH)
Typical Pulse duration, SPI_SCLK high
0.45 × P(1)
ns
SS4
tsu(SIMO-SPICLK)
Setup time, SPI_D[x] valid before SPI_SCLK
active edge
5
ns
SS5
th(SPICLK-SIMO)
Hold time, SPI_D[x] valid after SPI_SCLK active
edge
5
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
149
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com