Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 204 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 204 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 200Page - Texas Instruments AM261...ZCZ Datasheet HTML 201Page - Texas Instruments AM261...ZCZ Datasheet HTML 202Page - Texas Instruments AM261...ZCZ Datasheet HTML 203Page - Texas Instruments AM261...ZCZ Datasheet HTML 204Page - Texas Instruments AM261...ZCZ Datasheet HTML 205Page - Texas Instruments AM261...ZCZ Datasheet HTML 206Page - Texas Instruments AM261...ZCZ Datasheet HTML 207Page - Texas Instruments AM261...ZCZ Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 218 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
304X (
0.35)
(0.65) TYP
(0.65) TYP
(
0.35)
METAL
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
0.35)
SOLDER MASK
OPENING
0.05 MIN
NFBGA - 1.3 mm max height
ZFG0304A
PLASTIC BALL GRID ARRAY
4230188/A 11/2023
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For information, see Texas Instruments literature number SPRAA99 (www.ti.com/lit/spraa99).
PKG
PKG
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:6X
1
2 3
4
5
6
7
8
9
10 11
A
12 13 14 15 16 17 18 19 20
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
204
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com