Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 210 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 206Page - Texas Instruments AM261...ZCZ Datasheet HTML 207Page - Texas Instruments AM261...ZCZ Datasheet HTML 208Page - Texas Instruments AM261...ZCZ Datasheet HTML 209Page - Texas Instruments AM261...ZCZ Datasheet HTML 210Page - Texas Instruments AM261...ZCZ Datasheet HTML 211Page - Texas Instruments AM261...ZCZ Datasheet HTML 212Page - Texas Instruments AM261...ZCZ Datasheet HTML 213Page - Texas Instruments AM261...ZCZ Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 218 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-May-2026
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
AM2612AOEFHIZFGR
Active
Production
NFBGA (ZFG) | 304
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOEFHIZFGR
508
AM2612AOEFHIZNCR
Active
Production
NFBGA (ZNC) | 293
184 | JEDEC
TRAY (5+1)
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOEFHIZNCR
508
AM2612AOFFHIZEJR
Active
Production
NFBGA (ZEJ) | 256
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOFFHIZEJR
508
AM2612AOFFHIZFGR
Active
Production
NFBGA (ZFG) | 304
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOFFHIZFG
508
AM2612AOFFHIZNCR
Active
Production
NFBGA (ZNC) | 293
1000 | JEDEC
TRAY (5+1)
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOFFHIZNCR
508
AM2612AOFFHMZCZR
Active
Production
NFBGA (ZCZ) | 324
1000 | LARGE T&R
Yes
SNAGCU
Level-3-260C-168 HR
-40 to 125
AM261
2AOFFHMZCZR
508
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com