Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 111 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 107Page - Texas Instruments AM261...ZCZ Datasheet HTML 108Page - Texas Instruments AM261...ZCZ Datasheet HTML 109Page - Texas Instruments AM261...ZCZ Datasheet HTML 110Page - Texas Instruments AM261...ZCZ Datasheet HTML 111Page - Texas Instruments AM261...ZCZ Datasheet HTML 112Page - Texas Instruments AM261...ZCZ Datasheet HTML 113Page - Texas Instruments AM261...ZCZ Datasheet HTML 114Page - Texas Instruments AM261...ZCZ Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 218 page
background image
6.11.5.1.2 CPSW RGMII Timing
6.11.5.1.2.1 CPSW RGMII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
2.64
5
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
20
pF
PCB Connectivity Requirements
td (Trace Mismatch
Delay)
Propagation Delay mismatch across all
traces
RGMII[x]_RXC
RGMII[x]_RD[3:0]
RGMII[x]_RX_CTL
50
ps
RGMII[x]_TXC
RGMII[x]_TD[3:0]
RGMII[x]_TX_CTL
50
ps
6.11.5.1.2.2 CPSW RGMII[x]_RCLK Timing Requirements - RGMII Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII1
tc(RXC)
Cycle time, RXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII2
tw(RXCH)
Pulse duration, RXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII3
tw(RXCL)
Pulse duration, RXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
6.11.5.1.2.3 CPSW RGMII[x]_RD[3:0], and RGMII[x]_RCTL Timing Requirements
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
RGMII4
tsu(RD-RXC)
Setup time, RD[3:0] valid before RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
tsu(RX_CTL-RXC)
Setup time, RX_CTL valid before RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
RGMII5
th(RXC-RD)
Hold time, RD[3:0] valid after RXC high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
th(RXC-RX_CTL)
Hold time, RX_CTL valid after RXC
high/low
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com