Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZ Datasheet(PDF) 128 Page - Texas Instruments

Part # AM261...ZCZ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZ Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM261...ZCZ Datasheet HTML 124Page - Texas Instruments AM261...ZCZ Datasheet HTML 125Page - Texas Instruments AM261...ZCZ Datasheet HTML 126Page - Texas Instruments AM261...ZCZ Datasheet HTML 127Page - Texas Instruments AM261...ZCZ Datasheet HTML 128Page - Texas Instruments AM261...ZCZ Datasheet HTML 129Page - Texas Instruments AM261...ZCZ Datasheet HTML 130Page - Texas Instruments AM261...ZCZ Datasheet HTML 131Page - Texas Instruments AM261...ZCZ Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 218 page
background image
– Case GpmcFCLKDivider = 1:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime
are even)
– H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18) if ((OEOnTime - ClkActivationTime) is a multiple of 3)
– H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) if ((OEOnTime - ClkActivationTime - 1) is a multiple of 3)
– H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) if ((OEOnTime - ClkActivationTime - 2) is a multiple of 3)
For OE rising edge (OE deactivated):
– Case GpmcFCLKDivider = 0:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime
are even)
– H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– H = 0.5 × OEExtraDelay × GPMC_FCLK(18) if ((OEOffTime - ClkActivationTime) is a multiple of 3)
– H = (1 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) if ((OEOffTime - ClkActivationTime - 1) is a multiple of 3)
– H = (2 + 0.5 × OEExtraDelay) × GPMC_FCLK(18) if ((OEOffTime - ClkActivationTime - 2) is a multiple of 3)
(10) For WE falling edge (WE activated):
– Case GpmcFCLKDivider = 0:
– I = 0.5 × WEExtraDelay × GPMC_FCLK(18)
– Case GpmcFCLKDivider = 1:
– I = 0.5 × WEExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime
are even)
– I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– I = 0.5 × WEExtraDelay × GPMC_FCLK(18) if ((WEOnTime - ClkActivationTime) is a multiple of 3)
– I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) if ((WEOnTime - ClkActivationTime - 1) is a multiple of 3)
– I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) if ((WEOnTime - ClkActivationTime - 2) is a multiple of 3)
For WE rising edge (WE deactivated):
– Case GpmcFCLKDivider = 0:
– I = 0.5 × WEExtraDelay × GPMC_FCLK (18)
– Case GpmcFCLKDivider = 1:
– I = 0.5 × WEExtraDelay × GPMC_FCLK(18) if (ClkActivationTime and WEOffTime are odd) or (ClkActivationTime and WEOffTime
are even)
– I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) otherwise
– Case GpmcFCLKDivider = 2:
– I = 0.5 × WEExtraDelay × GPMC_FCLK(18) if ((WEOffTime - ClkActivationTime) is a multiple of 3)
– I = (1 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) if ((WEOffTime - ClkActivationTime - 1) is a multiple of 3)
– I = (2 + 0.5 × WEExtraDelay) × GPMC_FCLK(18) if ((WEOffTime - ClkActivationTime - 2) is a multiple of 3)
(11) J = GPMC_FCLK(18)
(12) First transfer only for CLK DIV 1 mode.
(13) Half cycle; for all data after initial transfer for CLK DIV 1 mode.
(14) Half cycle of GPMC_CLK_OUT; for all data for modes other than CLK DIV 1 mode. GPMC_CLK_OUT divide down from GPMC_FCLK.
(15) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. In GPMC_WAIT[x], x is equal to 0 or 1.
(16) P = GPMC_CLK period in ns
(17) For read: K = (ADVRdOffTime - ADVOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
For write: K = (ADVWrOffTime - ADVOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(18)
(18) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(19) 100MHz GPMC_FCLK selected - CTRLMMR_GPMC_CLKSEL[0] CLK_SEL = 1 = MAIN_PLL2_HSDIV7_CLKOUT (100/60 MHz)
(20) Trace length from GPMC pins to device assumed to be less than 4" and length matched to within 200ps for 100MHz Synchronous
Mode.
(21) In div_by_1_mode, GPMC0_CLK refers to either GPMC0_CLKOUT or GPMC0_FCLK_MUX (free-running). Both signals are pin-
muxed to the same pin
– GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
– GPMC0_CLK frequency = GPMC_FCLK frequency
In not_div_by_1_mode, GPMC0_CLK only refers to GPMC0_CLKOUT. GPMC0_FCLK_MUX cannot be clock divided to match the
GPMC0_CLKOUT frequency if GPMCFCLKDIVIDER > 0
– GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
– GPMC0_CLK frequency = GPMC_FCLK frequency / (2 to 4)
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
128
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com