Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 11
(This specification is subject to change without further notice)
6.1.10 RC (128 Bytes EEPROM Address)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
EE_A6
EE_A5
EE_A4
EE_A3
EE_A2
EE_A1
EE_A0
Bit 7
:
Not used, fixed at “0”
Bits 6 ~ 0
: 128 bytes EEPROM address
6.1.11 RD (128 Bytes EEPROM Data)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EE_D7
EE_D6
EE_D5
EE_D4
EE_D3
EE_D2
EE_D1
EE_D0
Bits 7 ~ 0
: 128 bytes EEPROM data
6.1.12 RE (LVD Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
LVDEN
/LVD
LVD1
LVD0
Bits 7 ~ 4:
Not used, set to “0” at all time
Bit 3 (LVDEN): Low Voltage Detect Enable Bit
0 : LVD disable
1 : LVD enable
Bit 2 (/LVD): Low Voltage Detector. This is a read only bit. When the VDD pin
voltage is lower than LVD voltage interrupt level (selected by LVD1 and
LVD0), this bit will be cleared.
0 : low voltage is detected
1 : low voltage is not detected or LVD function is disabled
Bit 1~Bit 0 (LVD1~LVD0): Low Voltage Detect level select bits
LVD1
LVD0
LVD Voltage Interrupt Level
0
0
2.1
0
1
3.1
1
0
3.8
1
1
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com