Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
EM78F651N
8-Bit Microcontroller
8
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Address
R PAGE Registers
IOC PAGE Registers
00
R0
(IAR)
Reserve
01
R1
(TCC)
CONT
(Control Register)
02
R2
(PC)
Reserve
03
R3
(Status)
Reserve
04
R4
(RSR)
Reserve
05
R5
(Port 5)
IOC5
(I/O Port Control Register)
06
R6
(Port 6)
IOC6
(I/O Port Control Register)
07
R7
(Port 7)
IOC7
(I/O Port Control Register)
08
Reserve
Reserve
09
Reserve
Reserve
0A
RA
(WUCR)
IOCA
(WDT Control Register)
0B
RB
(EECON)
IOCB
(Pull-down Register)
0C
RC
(EEADR)
IOCC
(Open-drain Control)
0D
RD
(EEDATA)
IOCD
(Pull-high Control Register)
0E
RE
(LVD Control)
Reserve
0F
RF
(Interrupt Status)
IOCF
(Interrupt Mask Register)
10
:
1F
General Registers
20
:
3F
Bank 0
Bank 1
Fig. 6-2 Data Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com