Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 41
(This specification is subject to change without further notice)
Oscillator Modes defined by OSC2 ~ OSC0
Mode
OSC2
OSC1
OSC0
XT (Crystal oscillator mode)
0
0
0
HXT (High Crystal oscillator mode)
0
0
1
LXT1 (Low Crystal 1 oscillator mode)
0
1
0
LXT2 (Low Crystal 2 oscillator mode)
0
1
1
IRC mode, OSCO (P54) act as I/O pin
1
0
0
IRC mode, OSCO (P54) act as RCOUT pin
1
0
1
ERC mode, OSCO (P54) act as I/O pin
1
1
0
ERC mode, OSCO (P54) act as RCOUT pin
1
1
1
Note: 1. Frequency range of HXT mode is 20MHz ~ 6MHz.
2. Frequency range of XT mode is 6MHz ~ 1MHz.
3. Frequency range of LXT1 mode is 1MHz ~ 100kHz.
4. Frequency range of LXT2 mode is 32kHz.
Bit 2~0 (PR2~PR0): Protect Bit. PR2~PR0 are protect bits, protect type is as follows:
PR2
PR1
PR0
Protect
1
1
1
Enable
1
1
0
Enable
1
0
1
Enable
1
0
0
Enable
0
1
1
Enable
0
1
0
Enable
0
0
1
Enable
0
0
0
Disable
Word 1
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
-
TCEN
-
SHE
C4
C3
Word 1
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
C2
C1
C0
RCM1
RCM0
LVR1
LVR0
Bit 12: Not used, set to “1” at all time
Bit 11(TCEN): TCC enable bit
0 : P77/TCC is set as P77 (default)
1 : P77/TCC is set as TCC
Bit 10: Not used, set to “0” at all time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com