Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
EM78F651N
8-Bit Microcontroller
4
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
Table 3 EM78F651NCP, EM78F651NCM
Symbol
Pin No.
Type
Function
P50~P53
P54~P55
17, 18, 1
2, 15, 16
I/O
P50~P53 are bidirectional 4-bit input/output pins and can be pulled-
down by software.
P60~P67
6~13
I/O
Bidirectional 8-bit input/output pins. These can be pulled-high or can
be open drain by software programming. P60~63 can also be pulled
down by software.
P77
3
I/O
P77 is an open drain I/O pin.
OSCI
16
I
Crystal type: Crystal input terminal or external clock input pin
ERC type: RC oscillator input pin
OSCO
15
I/O
Crystal type: Output terminal for crystal oscillator or external clock
input pin.
RC type: Instruction clock output.
External clock signal input.
TCC
3
I
Real time clock/counter (with Schmitt Trigger input pin) must be tied to
VDD or VSS if not in use.
/INT
6
I
External interrupt pin triggered by a falling edge.
/RESET
4
I
Input pin with Schmitt Trigger. If this pin remains at logic low, the
controller will also remain in reset condition.
VDD
14
-
Power supply
VSS
5
-
Ground
Table 4 EM78F651NDKM, EM78F651NDP
Symbol
Pin No.
Type
Function
P50~P57
18, 19, 2,
3, 16, 17,
1, 20
I/O
P50~P57 are bidirectional 8-it input/output pins.
P50 and P51 can also be defined as the R-option pins.
P50~P53 can be pulled-down by software.
P60~P67
7~14
I/O
Bidirectional 8-bit input/output pins. These can be pulled-high or can
be open drain by software programming. P60~63 can also be pulled
down by software.
P77
4
I/O
P77 is an open drain I/O pin.
OSCI
17
I
Crystal type: Crystal input terminal or external clock input pin
ERC type: RC oscillator input pin
OSCO
16
I/O
Crystal type: Output terminal for crystal oscillator or external clock
input pin.
RC type: Instruction clock output.
External clock signal input.
TCC
4
I
The real time clock/counter (with Schmitt Trigger input pin) must be
tied to VDD or VSS if not in use.
/INT
7
I
External interrupt pin triggered by a falling edge.
/RESET
5
I
Input pin with Schmitt Trigger. If this pin remains at logic low, the
controller will also remain in reset condition.
VDD
15
-
Power supply
VSS
5
-
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com