Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 35
(This specification is subject to change without further notice)
6.9 Oscillator
6.9.1 Oscillator Modes
The device can be operated in four different oscillator modes, such as Internal RC
oscillator mode (IRC), External RC oscillator mode (ERC), High Crystal oscillator
mode (HXT), and Low Crystal oscillator mode (LXT). User can select one of such
modes by programming OSC2, OCS1 and OSC0 in the Code Option register.
Table11 depicts how these four modes are defined.
The up-limited operation frequency of the crystal/resonator on the different VDD is
listed in Table 11
Table 11 Oscillator Modes defined by OSC2 ~ OSC0
Mode
OSC2
OSC1
OSC0
XT (Crystal oscillator mode)
0
0
0
HXT (High Crystal oscillator mode)
0
0
1
LXT1 (Low Crystal 1 oscillator mode)
0
1
0
LXT2 (Low Crystal 2 oscillator mode)
0
1
1
IRC mode, OSCO (P54) act as I/O pin
1
0
0
IRC mode, OSCO (P54) act as RCOUT pin
1
0
1
ERC mode, OSCO (P54) act as I/O pin
1
1
0
ERC mode, OSCO (P54) act as RCOUT pin
1
1
1
NOTE
1. Frequency range of HXT mode is 20MHz ~ 6MHz.
2. Frequency range of XT mode is 6MHz ~ 1MHz.
3. Frequency range of LXT1 mode is 1MHz ~ 100kHz.
4. Frequency range of XT mode is 32kHz.
Table 12 Summary of Maximum Operating Speeds
Conditions
VDD
Max Fxt. (MHz)
2.5
4.0
3.0
8.0
Two cycles with two clocks
5.0
20.0
6.9.2 Crystal Oscillator/Ceramic Resonators (Crystal)
The EM78F651N can be driven by an external clock signal through the OSCI pin as
shown in Fig 6-10 below.
OSCI
OSCO
EM78F651N
Ext. Clock
Fig. 6-10 Circuit for External Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com