Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 43Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 44Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 43
(This specification is subject to change without further notice)
Bit 3 and Bit 2 (RCM1, RCM0): RC mode selection bits
RCM 1
RCM 0
*Frequency(MHz)
0
0
4
0
1
16
1
0
3.58
1
1
455kHz
Bits 1~0 (LVR1 ~ LVR0): Low Voltage Reset Enable bits
LVR1
LVR0
Reset Level
Release Level
0
0
NA
NA
0
1
2.6V
2.8V
1
0
3.3V
3.45V
1
1
3.8V
3.9V
LVR1, LVR0=“0, 0”
: LVR disable, power- on reset point of EM78F651N is 2.0V.
LVR1, LVR0=“0, 1”
: If Vdd < 2.6V, the EM78F651N will be reset.
LVR1, LVR0=“1, 0”
: If Vdd < 3.3V, the EM78F651N will be reset.
LVR1, LVR0=“1, 1”
: If Vdd < 3.8V, the EM78F651N will be reset.
6.10.2 Customer ID Register (Word 2)
Bit 12~Bit 0
XXXXXXXXXXXXX
Bits 12~0: Customer’s ID code
6.11 Power-on Considerations
Any microcontroller is not guaranteed to start to operate properly before the power
supply stays has stabilized. The EM78F651N has an on-chip Power-on Voltage
Detector (POVD) with a detecting level of 2.0V. It will work well if Vdd can rise quick
enough (50 ms or less). In many critical applications, however, extra devices are still
required to assist in solving power-up problems.
6.12 External Power-on Reset Circuit
The circuit shown in Fig 6-15 implements an external RC to produce a reset pulse.
The pulse width (time constant) should be kept long enough for Vdd to reached
minimum operation voltage. This circuit is used when the power supply has slow rise
time. Because the current leakage from the /RESET pin is
±5µA, it is recommended
that R should not be greater than 40 K. In this way, the /RESET pin voltage is held
below 0.2V. The diode (D) acts as a short circuit at the moment of power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com