Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 45Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 46Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 47Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 48Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 45
(This specification is subject to change without further notice)
EM78F651N
/RESET
Vdd
Q1
Vdd
40K
R2
R1
Fig. 6-17 Circuit 2 for the Residue Voltage Protection
6.14 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and
one or more operands. Normally, all instructions are executed within one single
instruction cycle (one instruction consists of two oscillator periods), unless the
program counter is changed by instruction "MOV R2,A", "ADD R2,A", or by
instructions of arithmetic or logic operation on R2 (e.g. "SUB R2,A", "BS(C) R2,6",
"CLR R2", etc.). In this case, the execution takes two instruction cycles.
If for some reasons, the specification of the instruction cycle is not suitable for certain
applications, try modifying the instruction as follows:
(A) Change one instruction cycle to consist of four oscillator periods.
(B) "JMP", "CALL", "RET", "RETL", "RETI", or the conditional skip ("JBS", "JBC", "JZ",
"JZA", "DJZ", "DJZA") commands which were tested to be true, are executed
within two instruction cycles. The instructions that are written to the program
counter also take two instruction cycles.
Case (A) is selected by the Code Option bit, called CLK. One instruction cycle
consists of two oscillator clocks if CLK is low, and four oscillator clocks if CLK is
high.
Note that once the four oscillator periods within one instruction cycle is selected
as in Case (A), the internal clock source to TCC should be CLK=Fosc/4, instead
of Fosc / 2 as indicated in Fig 6-3.
In addition, the instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O register can be regarded as general register. That is, the same instruction
can operate on the I/O register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com