Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAPS/NAPJ Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78F651NAPS/NAPJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAPS/NAPJ Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78F651NAPS/NAPJ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78F651NAPS/NAPJ Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
EM78F651N
8-Bit Microcontroller
32
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
When Vdd drops below VLVD, LVDIF is set to “1”. If global ENI enable, LVDIF will be
set to “1”, the next instruction will branch to interrupt vector. The LVD interrupt flag is
cleared to “0” by software.
When Vdd drops below VRESET and is less than 80µs, the system will all maintain the
register status and system halt but oscillation is active. When Vdd drops below
VRESET and is more than 80µs, a system reset will occur, and for the following
waveform situation, refer to Section 6.5.1 Reset Description.
Vdd
LVDXIF
Internal Reset
VLVD
VRESET
LVDXIF clear by software
Vdd < Vreset not longer than 80us,system keep on going
>50,40,30 us
<50,40,30 us
18ms
System occur reset
Fig. 6-9 LVD Waveform Situation
6.8 Data EEPROM
The Data EEPROM is readable and writable during normal operation over the whole
Vdd range. The operation for Data EEPROM is base on a single byte. A write
operation makes an erase-then-write cycle to take place on the allocated byte.
The Data EEPROM memory provides high erase and write cycles. A byte write
automatically erases the location and writes the new value.
6.8.1 Data EEPROM Control Register
6.8.1.1 RB (EEPROM Control Register)
The EECR (EEPROM Control Register) is the control register for configuring and
initiating the control register status.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RD
WR
EEWE
EEDF
EEPC
-
-
-
Bit 7
:Read control register
0 : Does not execute EEPROM read
1 : Read EEPROM content, (RD can be set by software, RD is cleared by
hardware after Read instruction is completed)
Bit 6
:Write control register
0 : Write cycle to the EEPROM is complete.
1 : Initiate a write cycle, (WR can be set by software, WR is cleared by
hardware after Write cycle is completed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com